Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4627EVPBF Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4627EVPBF
Description  15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627EVPBF Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4627EVPBF Datasheet HTML 15Page - Linear Technology LTM4627EVPBF Datasheet HTML 16Page - Linear Technology LTM4627EVPBF Datasheet HTML 17Page - Linear Technology LTM4627EVPBF Datasheet HTML 18Page - Linear Technology LTM4627EVPBF Datasheet HTML 19Page - Linear Technology LTM4627EVPBF Datasheet HTML 20Page - Linear Technology LTM4627EVPBF Datasheet HTML 21Page - Linear Technology LTM4627EVPBF Datasheet HTML 22Page - Linear Technology LTM4627EVPBF Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTM4627
19
4627f
Figure 13. 5VIN to 3.3VOUT No Heat Sink
Figure 14. 5VIN to 3.3VOUT with Heat Sink
Figure 16. 12VIN to 3.3VOUT with Heat Sink
Figure 15. 12VIN to 3.3VOUT No Heat Sink
APPLICATIONS INFORMATION
0
2
6
4627 F13
8
14
12
10
4
0 LFM
200 LFM
400 LFM
40
50
60
70
80
90 100 110 120 130
AMBIENT TEMPERATURE (°C)
0
2
6
4627 F14
8
14
12
10
4
0 LFM
200 LFM
400 LFM
40
50
60
70
80
90 100 110 120 130
AMBIENT TEMPERATURE (°C)
0
2
6
4627 F15
8
16
12
14
10
4
0 LFM
200 LFM
400 LFM
40
50
60
70
80
90 100 110 120 130
AMBIENT TEMPERATURE (°C)
0
2
6
4627 F16
8
16
12
14
10
4
0 LFM
200 LFM
400 LFM
40
50
60
70
80
90 100 110 120 130
AMBIENT TEMPERATURE (°C)
Figure 12. 12VIN to 1.2VOUT with Heat Sink
0
2
6
4627 F12
8
16
14
12
10
4
0 LFM
200 LFM
400 LFM
40
50
60
70
80
90 100 110 120 130
AMBIENT TEMPERATURE (°C)
Figure 11. 12VIN to 1.2VOUT No Heat Sink
0
2
6
4627 F10
8
16
14
12
10
4
0 LFM
200 LFM
400 LFM
40
50
60
70
80
90 100 110 120 130
AMBIENT TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com