Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8062 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8062
Description  32VIN, 2A 關Module Power Tracking Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8062 Datasheet HTML 9Page - Linear Technology LTM8062 Datasheet HTML 10Page - Linear Technology LTM8062 Datasheet HTML 11Page - Linear Technology LTM8062 Datasheet HTML 12Page - Linear Technology LTM8062 Datasheet HTML 13Page - Linear Technology LTM8062 Datasheet HTML 14Page - Linear Technology LTM8062 Datasheet HTML 15Page - Linear Technology LTM8062 Datasheet HTML 16Page - Linear Technology LTM8062 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTM8062
13
8062f
APPLICATIONS INFORMATION
voltage characteristic is slightly nonlinear. This nonlinear
characteristic follows the relation:
VFLOAT = 4 • 10–5 (T2) – 6 • 10–3(T) + 2.375
(with a 2.18V minimum)
where T = temperature in °C. A thermistor-based network
can be used to approximate the nonlinear ideal tempera-
ture characteristic across a reasonable operating range,
as shown in Figure 6.
Status Pins
The LTM8062 reports charger status through two open-
collector outputs, the CHRG and FAULT pins. These pins
can be pulled up as high as VIN, and can sink up to 10mA.
The CHRG pin indicates that the charger is delivering
current at greater than a C/10 rate, or one-tenth of the
programmed charge current. The FAULT pin signals bad-
battery and NTC faults. These pins are binary coded, as
shown in Table 3.
Table 3. Status Pin State
CHRG
FAULT
STATUS
High
High
Not Charging—Standby or Shutdown Mode
High
Low
Bad-Battery Fault (Precondition Timeout/EOC Failure)
Low
High
Normal Charging at C/10 or Greater
Low
Low
NTC Fault (Pause)
If the battery is removed from an LTM8062 charger that is
configured for C/10 termination, a low amplitude sawtooth
waveform appears at the charger output, due to cycling
between termination and recharge events. This cycling
results in pulsing at the CHRG output. An LED connected
to this pin will exhibit a blinking pattern, indicating to the
user that a battery is not present. The frequency of this
blinking pattern is dependent on the output capacitance.
C/10 Charge Termination
The LTM8062 supports a low current based termination
scheme, where a battery charge cycle terminates when
the charge current falls below one-tenth the programmed
charge current, or approximately 200mA. This termination
mode is engaged by shorting the TMR pin to ground. When
C/10 termination is used, an LTM8062 charger sources
battery charge current as long as the average current level
remains above the C/10 threshold. As the full-charge float
voltage is achieved, the charge current falls until the C/10
threshold is reached, at which time the charger terminates
and the LTM8062 enters standby mode. The CHRG status
pin follows the charger cycle and is high impedance when
the charger is not actively charging. There is no provision
for bad-battery detection if C/10 termination is used.
Timer Charge Termination
The LTM8062 supports a timer-based termination scheme,
where a battery charge cycle terminates after a specific
amount of time elapses. Timer termination is engaged
when a capacitor (CTIMER) is connected from the TMR pin
to ground. The timer cycle time span (tEOC) is determined
by CTIMER in the equation:
CTIMER = tEOC • 2.27 • 10–7 (Hours)
Figure 6. Thermistor-Based Temperature Compensation Network Programs VFLOAT
to Closely Match Ideal Lead-Acid Float Charge Voltage for 6-Cell Charger
TEMPERATURE (°C)
–10
10
50
40
60
020
30
8062 F06b
12.8
13.0
13.2
13.4
13.6
13.8
14.0
14.6
14.4
14.2
14.8
THEORETICAL VFLOAT
PROGRAMMED VBAT(FLOAT)
8062 F06a
LTM8062
196k
69k
22k
B = 3380
69k
BAT
ADJ
198k
6-CELL
LEAD-ACID
BATTERY
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com