Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8062 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8062
Description  32VIN, 2A 關Module Power Tracking Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8062 Datasheet HTML 2Page - Linear Technology LTM8062 Datasheet HTML 3Page - Linear Technology LTM8062 Datasheet HTML 4Page - Linear Technology LTM8062 Datasheet HTML 5Page - Linear Technology LTM8062 Datasheet HTML 6Page - Linear Technology LTM8062 Datasheet HTML 7Page - Linear Technology LTM8062 Datasheet HTML 8Page - Linear Technology LTM8062 Datasheet HTML 9Page - Linear Technology LTM8062 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8062
6
8062f
TYPICAL PERFORMANCE CHARACTERISTICS
Temperature Rise vs IBAT,
14.4V Float Voltage
VIN Standby Mode Current
vs Temperature
Temperature Rise vs IBAT,
7.2V Float Voltage
Temperature Rise vs IBAT,
8.4V Float Voltage
GND (Bank 1, Pin L7): Power and Signal Ground Return.
BAT (Bank 2): Battery Charge Current Output Bus. The charge
function operates to achieve the final float voltage at this pin.
The auto-restart feature initiates a new charging cycle when
the voltage at the ADJ pin falls 2.5% below the float voltage.
Once the charge cycle is terminated, the input bias current of
the BAT pin is reduced to minimize battery discharge while
the charger remains connected.
VINA (Bank 3): Anode of input reverse protection Schottky
diode. Connect the input power here if input reverse voltage
protection is desired.
VIN (Bank 4): Charger Input Supply. Decouple with at least
4.7μF to GND. Connect the input power here if no input reverse
voltage protection is needed.
BIAS (Pin G7):TheBIASpinconnectstotheinternalpowerbus.
In most cases connect to VBAT. If this is not desirable, connect
to a power source greater than 2.8V and less than 10V.
CHRG (Pin K7): Open-Collector Charger Status Output; typi-
cally pulled up through a resistor to a reference voltage. This
status pin can be pulled up to voltages as high as VIN and can
sink currents up to 10mA. During a battery charging cycle,
CHRG is pulled low. When the charge current falls below C/10,
PIN FUNCTIONS
IBAT (mA)
0
0
5
1000
30
8062 G19
500
1500
2000
10
15
20
25
VINA = 24V
VINA = 12V
IBAT (mA)
0
0
5
1000
30
8062 G20
500
1500
2000
10
15
20
25
VINA = 12V
VINA = 24V
IBAT (mA)
0
0
5
1000
40
8062 G21
500
1500
2000
10
15
20
25
30
35
VINA = 24V
TEMPERATURE (°C)
–50
0
50
6
8062 G22
0
100
1
2
3
4
5
VINA = 24V
VINA = 12V
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com