Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8062 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8062
Description  32VIN, 2A 關Module Power Tracking Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062 Datasheet(HTML) 4 Page - Linear Technology

  LTM8062 Datasheet HTML 1Page - Linear Technology LTM8062 Datasheet HTML 2Page - Linear Technology LTM8062 Datasheet HTML 3Page - Linear Technology LTM8062 Datasheet HTML 4Page - Linear Technology LTM8062 Datasheet HTML 5Page - Linear Technology LTM8062 Datasheet HTML 6Page - Linear Technology LTM8062 Datasheet HTML 7Page - Linear Technology LTM8062 Datasheet HTML 8Page - Linear Technology LTM8062 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTM8062
4
8062f
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs IBAT, 14.4V Float
ADJ Float Voltage vs Temperature
IBIAS vs IBAT, 4.2V Float
IBIAS vs IBAT, 7.2V Float
IBIAS vs IBAT, 8.4V Float
IBIAS vs IBAT, 14.4V Float
Efficiency vs IBAT, 4.2V Float
Efficiency vs IBAT, 7.2V Float
Efficiency vs IBAT, 8.4V Float
TA = 25°C, unless otherwise noted.
IBAT (mA)
0
70
72
74
76
1000
84
8062 G01
500
1500
2000
78
80
82
VINA = 12V
VINA = 24V
IBAT (mA)
0
80
81
82
83
1000
87
8062 G02
500
1500
2000
84
85
86
VINA = 12V
VINA = 24V
IBAT (mA)
0
81
82
83
84
1000
88
8062 G03
500
1500
2500
2000
85
86
87
VINA = 12V
VINA = 24V
IBAT (mA)
0
82
83
84
85
1000
90
8062 G04
500
1500
2000
86
87
88
89
VINA = 24V
TEMPERATURE (°C)
–50
3.265
0
3.280
8062 G05
–25
25
100
125
50
75
3.270
3.275
IBAT (mA)
0
0
5
10
15
1000
25
8062 G06
500
1500
2000
20
VINA = 12V
VINA = 24V
IBAT (mA)
0
0
5
10
15
1000
45
8062 G07
500
1500
2000
20
25
30
35
40
VINA = 12V
VINA = 24V
IBAT (mA)
0
0
5
10
15
1000
50
45
8062 G08
500
1500
2000
20
25
30
35
40
VINA = 24V
VINA = 12V
IBAT (mA)
0
0
5
10
15
1000
45
8062 G09
500
1500
2000
20
25
30
35
40
VINA = 24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com