Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8062 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8062
Description  32VIN, 2A 關Module Power Tracking Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062 Datasheet(HTML) 3 Page - Linear Technology

  LTM8062 Datasheet HTML 1Page - Linear Technology LTM8062 Datasheet HTML 2Page - Linear Technology LTM8062 Datasheet HTML 3Page - Linear Technology LTM8062 Datasheet HTML 4Page - Linear Technology LTM8062 Datasheet HTML 5Page - Linear Technology LTM8062 Datasheet HTML 6Page - Linear Technology LTM8062 Datasheet HTML 7Page - Linear Technology LTM8062 Datasheet HTML 8Page - Linear Technology LTM8062 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM8062
3
8062f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8062E is guaranteed to meet performance specifications
from 0°C to 125°C internal. Specifications over the full –40°C to
125°C internal operating temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTM8062I is guaranteed to meet specifications over the full –40°C to
The l denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C. RUN = 2V.
125°C internal operating temperature range. Note that the maximum
internal temperature is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance and
other environmental factors.
Note 3: The maximum BAT charging current is reduced by thermal
foldback. See the Typical Performance Characteristics for details.
Note 4: ADJ voltages measured through 250k equivalent series resistance.
Note 5: Output battery float voltage programming resistor divider
equivalent resistance = 250k compensates for input bias current.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Maximum Operating Voltage
32
V
VIN Start Voltage
l
7.5
V
VIN OVLO Threshold
VIN Rising
32
35
40
V
VIN OVLO Hysteresis
1V
VIN UVLO Threshold
VIN Rising
4.6
V
VIN UVLO Hysteresis
0.3
V
VINA to VIN Diode Forward Voltage Drop
VINA Current = 2A
0.55
V
Maximum BAT Float Voltage
IBAT = 2A
14.7
V
Input Supply Current
Standby Mode
RUN = 0, VIN Reg Open
85
18
μA
μA
Maximum BAT Charging Current
(Note 3)
1.8
2.1
A
ADJ Float Reference Voltage
(Note 4)
l
3.275
3.25
3.3
3.325
3.34
V
V
ADJ Recharge Threshold Voltage
Threshold Relative to ADJ Float Reference (Note 3)
82.5
mV
ADJ Precondition Threshold Voltage
ADJ Rising (Note 4)
2.3
V
ADJ Precondition Threshold Hysteresis Voltage
Relative to ADJ Precondition Threshold (Note 4)
95
mV
ADJ Input Bias Current
Charging Terminated
CV Operation (Note 5)
65
110
nA
nA
VINREG Reference Voltage
ADJ = 3V, IBAT = 1A
l
2.61
2.7
2.83
V
VINREG Bias Current
VINREG = VINREG Reference
35
100
nA
NTC Range Limit (High) Voltage
VNTC Rising
1.25
1.36
1.45
V
NTC Range Limit (Low) Voltage
VNTC Falling
0.27
0.29
0.315
V
NTC Disable Impedance
250
500
kΩ
NTC Bias Current
VNTC = 0.8V
45
53
μA
NTC Threshold Hysteresis
For Both High and Low Range Limits
20
%
RUN Threshold Voltage
VRUN Rising
1.15
1.20
1.25
V
RUN Hysteresis Voltage
120
mV
RUN Input Bias Current
–10
nA
CHRG, FAULT Output Low Voltage
10mA Load
0.4
V
TMR Charge/Discharge Current
25
μA
TMR Disable Threshold Voltage
0.25
V
Operating Frequency
0.85
1
1.15
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com