Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALP236FXX Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ALP236FXX
Description  Low-Temperature Polysilicon 2.5-inch TFT LCD Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ALP236FXX Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ALP236FXX Datasheet HTML 1Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 2Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 3Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 4Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 5Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 6Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 7Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ALP236FXX
No.6767-2/8
Absolute Maximum Ratings
at VSS=0V
Item
Symbol
Ratings
Unit
H driver power supply voltage
HVDD
-1.0
to
+14
V
V driver power supply voltage
VVDD
-1.0
to
+14
V
Common electrode voltage
VCOM
-1.0
to
+14
V
Driving direction signal voltage
CSH, CSV
-1.0
to
+14
V
H driver input voltage
STH, XSTH, CKH1, CKH2
-1.0
to
+14
V
V driver / precharge data
input voltage
STV, XSTV, CKV1, CKV2,
ENB, XENB, PCG, XPCG
-1.0
to
+14
V
Video / precharge data
input voltage
VG, VR, VB, VPCD
-1.0
to
+13
V
Operating temperature (panel)
Topr
-10
to
+60
°C
Storage temperature
Tstg
-20
to
+70
°C
Operating Conditions
Power supply voltage
HVDD 12.0V ± 0.3V, VVDD 12.0V ± 0.3V, VSS 0V, HVSS 0V, VVSS 0V
Item
Symbol
MIN
TYP
MAX
Unit
Low
VHIL
-0.3
0.0
0.3
V
H driver input voltage
High
VHIH
2.5
3.0
4.0
V
Low
VVIL
-0.3
0.0
0.3
V
V driver input voltage
High
VVIH
2.5
3.0
4.0
V
Low
VSIL
-0.3
0.0
0.3
V
CSV, CSH
High
VSIH
11.5
VDD
VDD
V
Video signal center voltage
VVC
5.0
5.2
5.4
V
Video signal input voltage range *1
VG, VR, VB
VVC-3.5
-
VVC+3.5
V
Common electrode voltage*2
VCOM
(VVC-0.2)-0.2
(VVC-0.2)
(VVC-0.2)+0.2
V
Precharge data signal *1
VPCD
VVC±1.5
VVC±2.0
VVC±2.5
V
*1 Video signal and precharge data signal shall be input symmetrically around VVC.
*2 Set common electrode voltage to the optimum voltage.
Optical Specifications
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Contrast ratio
CR
25
°C
-
100
-
-
θT
50
θB
60
θL
55
Viewing angle range
θR
CR >= 10
-
55
-
deg



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com