Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALP236FXX Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # ALP236FXX
Description  Low-Temperature Polysilicon 2.5-inch TFT LCD Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ALP236FXX Datasheet(HTML) 5 Page - Sanyo Semicon Device

  ALP236FXX Datasheet HTML 1Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 2Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 3Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 4Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 5Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 6Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 7Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ALP236FXX
No.6767-5/8
System Configuration
AL P 236
Video
chrom a
signal
processing
RG B
drivers
(S&H)
Tim ing
controller
VCO
X'tal
LV 4 137 W
S ig n al process ing IC
R
G
B
R
G
Horizontal scanner
Display area
Precharge circuit
Lo w -te m p era ture p-S i
TF T-L C D
BUS
I/F
Serial control
Sync.
sep.
PCD
Level
shifter
B
Video signal
Com posite
Y/C
Y/Color
difference
RG B
drivers
(S&H)
Tim ing
controller
VCO
Analog RG B
LV 4 135 W
S ig n al process ing IC
R
G
B
R
G
Horizontal scanner
Display area
Precharge circuit
Lo w -te m p era ture p-S i
TF T-L C D
BUS
I/F
Serial control
Sync.
sep.
PCD
Level
shifter
Synchronus
signal
Video signal
AL P 236
B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com