Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALP236FXX Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ALP236FXX
Description  Low-Temperature Polysilicon 2.5-inch TFT LCD Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ALP236FXX Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ALP236FXX Datasheet HTML 1Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 2Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 3Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 4Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 5Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 6Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 7Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
13001 RM (IM) No.6767-1/8
Ver.1.6
12898
Overview
This 2.5 inch low temperature poly- silicon TFT-LCD module is suitable for digital still camera or for digital video camera.
Features
• Diagonal 6.3cm (2.5inch) display size.
• 881 × 228 = 200,868 dots.
• RGB delta color arrangement.
• Operating temperature (panel) is -10 to +60°C. Ambient temperature during storage is -20 to +70°C.
• Slim design, light weight and narrow frame. (t=0.7mm
glass)
• Up / down and right / left inverse function.
• Build-in level shifter circuit.
• Conform to NTSC, PAL when using recommended IC : LV4135W, LV4137W, (LV4139W : Under development)
• Anti-glare (AG) / Anti-reflection (AR) coat.
• Wide-viewing film.
• Panel power consumption is Typ.100mW at NTSC.
• Optical transmittance is approx. 8%.
Specifications
Item
Specifications
Unit
Remarks
Dot count (H) × (V)
881 × 228
dot
Effective display dimensions (H) × (V)
50.25 × 37.62
mm
Display size (diagonal)
6.3(2.5inch)
cm
Dot pitch (H) × (V)
0.057 × 0.165
mm
Color arrangement
RGB Delta
-
External Dimensions (W) × (H) × (D)
TYP 56.7 × 46.8 × 2.1
mm
Note1
Weight
14
g
*Note1: Excluding flexible cable and protrusions.
Low-Temperature Polysilicon
2.5-inch TFT LCD Module
ALP236FXX
Ordering number : ENN6767
LCD Module


Similar Part No. - ALP236FXX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ALP236FCX SANYO-ALP236FCX Datasheet
645Kb / 8P
Low-Temperature Polysilicon 2.5-inch TFT LCD Module
More results

Similar Description - ALP236FXX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ALP121AGX SANYO-ALP121AGX Datasheet
661Kb / 8P
Low-Temperature Polysilicon 1.5-inch TFT LCD Module
ALP210 SANYO-ALP210 Datasheet
19Kb / 2P
Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP228CGXC SANYO-ALP228CGXC Datasheet
641Kb / 8P
Low-Temperature Polysilicon 1.8-inch TFT LCD Module
ALP230CGX SANYO-ALP230CGX Datasheet
644Kb / 8P
Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP234FCX SANYO-ALP234FCX Datasheet
645Kb / 8P
Low-Temperature Polysilicon 2.5-inch TFT LCD Module
ALP234FXX SANYO-ALP234FXX Datasheet
631Kb / 8P
Low-Temperature Polysilicon 2.5-inch TFT LCD Module
ALP236FCX SANYO-ALP236FCX Datasheet
645Kb / 8P
Low-Temperature Polysilicon 2.5-inch TFT LCD Module
ALP237FAX SANYO-ALP237FAX Datasheet
674Kb / 8P
Low-Temperature Polysilicon 1.8-inch TFT LCD Module
ALP239CXX SANYO-ALP239CXX Datasheet
641Kb / 8P
Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP027XXX SANYO-ALP027XXX Datasheet
43Kb / 6P
Low-Temperature Polysilicon 0.33-inch TFT LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com