Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALP236FXX Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ALP236FXX
Description  Low-Temperature Polysilicon 2.5-inch TFT LCD Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ALP236FXX Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ALP236FXX Datasheet HTML 1Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 2Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 3Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 4Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 5Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 6Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 7Page - Sanyo Semicon Device ALP236FXX Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ALP236FXX
No.6767-3/8
Pin Function
Pin No
Symbol
Function
1
NC
Leave this pin open
2
COM
Common electrode voltage
3
CKV2
V clock 2
4
CKV1
V clock 1
5
XSTV
Inverted signal of STV
6
STV
V start signal
7
VVSS
VSS for V drive
8
XENB
Inverted signal of ENB
9
ENB
Enable signal
10
VVDD
VDD for V drive
11
CSV
Up / down inverse control signal (H : Normal scan, L : Reverse scan)
12
NC
Leave this pin open
13
PCD
Precharge data signal
14
B
Video signal (B)
15
R
Video signal (R)
16
G
Video signal (G)
17
CSH
Right / left inverse control signal (H : Normal scan, L : Reverse scan)
18
HVSS
VSS for H drive
19
XSTH
Inverted signal of STH
20
STH
H start signal
21
HVDD
VDD for H drive
22
XPCG
Inverted signal of PCG
23
PCG
Precharge gate signal
24
CKH2
H clock 2
25
CKH1
H clock 1
26
NC
Leave this pin open



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com