Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2T3 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST10F272Z2T3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2T3 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST10F272Z2T3 Datasheet HTML 8Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 9Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 10Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 11Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 12Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 13Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 14Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 15Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 189 page
background image
Description
ST10F272Z2
12/189
CLKOUT function can output either the CPU clock (like in ST10F269) or a software
programmable prescaled value of the CPU clock.
On-chip RAM memory has been increased (Flash size remained the same).
PLL multiplication factors have been adapted to new frequency range.
A/D Converter is not fully compatible versus ST10F269 (timing and programming model).
Formula for the convertion time is still valid, while the sampling phase programming model is
different.
Besides, additional 8 channels are available on P1L pins as alternate function: the accuracy
reachable with these extra channels is reduced with respect to the standard Port5 channels.
External Memory bus is affected by limitations on maximum speed and maximum
capacitance load: ST10F272Z2 is not able to address an external memory at 64 MHz with 0
wait states.
XPERCON register bit mapping modified according to new peripherals implementation (not
fully compatible with ST10F269).
Bondout chip for emulation (ST10R201) cannot achieve more than 50 MHz at room
temperature (so no real-time emulation possible at maximum speed).
Input section characteristics are different. The threshold programmability is extended to all
port pins (additional XPICON register); it is possible to select standard TTL (with up to
400mV of hysteresis) and standard CMOS (with up to 750 mV of hysteresis).
Output transition is not programmable.
CAN module is enhanced: ST10F272Z2 implements two C-CAN modules, so the
programming model is slightly different. Besides, the possibility to map in parallel the two
CAN modules is added (on P4.5/P4.6).
On-chip main oscillator input frequency range has been reshaped, reducing it from
1-25 MHz down to 4-8 MHz. This is a low power oscillator amplifier, that allows a power
consumption reduction when Real-Time Clock is running in Power Down mode, using as
reference the on-chip main oscillator clock. When this on-chip amplifier is used as reference
for Real-Time Clock module, the Power-down consumption is dominated by the
consumption of the oscillator amplifier itself.
A second on-chip oscillator amplifier circuit (32 kHz) is implemented for low power modes: it
can be used to provide the reference to the Real-Time Clock counter (either in Power Down
or Stand-by mode). Pin XTAL3 and XTAL4 replace a couple of VDD/VSS pins of ST10F269.
Possibility to re-program internal XBUS chip select window characteristics (XRAM2 window)
is added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com