Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2T3 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST10F272Z2T3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2T3 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST10F272Z2T3 Datasheet HTML 40Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 41Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 42Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 43Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 44Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 45Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 46Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 47Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 189 page
background image
Internal Flash memory
ST10F272Z2
44/189
A Sector Erase can be suspended by setting SUSP bit.
To perform a Word Program operation during Erase Suspend, firstly bits SUSP and
SER must be reset, then bit WPG and WMS can be set.
To resume the Sector Erase operation bit SER must be set again.
In any case it is forbidden to start any write operation with SUSP bit already set.
Set protection
Example 1: Enable Write Protection of sectors B0F3-0 of Bank 0 in IFLASH module.
FCR0H
|= 0x0100;
/*Set SPR in FCR0H*/
FARL
= 0xDFB4;
/*Load Add of register FNVWPIR in FARL*/
FARH
= 0x0008;
/*Load Add of register FNVWPIR in FARH*/
FDR0L
= 0xFFF0;
/*Load Data in FDR0L*/
FDR0H
= 0xFFFF;
/*Load Data in FDR0H*/
FCR0H
|= 0x8000;
/*Operation start*/
Example 2: Enable Access and Debug Protection.
FCR0H
|= 0x0100;
/*Set SPR in FCR0H*/
FARL
= 0xDFB8;
/*Load Add of register FNVAPR0 in FARL*/
FARH
= 0x0008;
/*Load Add of register FNVAPR0 in FARH*/
FDR0L
= 0xFFFC;
/*Load Data in FDR0L*/
FCR0H
|= 0x8000;
/*Operation start*/
Example 3: Disable in a permanent way Access and Debug Protection.
XFVTAUR0
= 0x0001;
/*Set TAUB in XFVTAUR0*/
FCR0H
|= 0x0100;
/*Set SPR in FCR0H*/
FARL
= 0xDFBC;
/*Load Add of register FNVAPR1L in FARL*/
FARH
= 0x0008;
/*Load Add of register FNVAPR1L in FARH*/
FDR0L
= 0xFFFE;
/*Load Data in FDR0L for clearing PDS0*/
FCR0H
|= 0x8000;
/*Operation start*/
Example 4: Enable again in a permanent way Access and Debug Protection, after having
disabled them.
XFVTAUR0
= 0x0001;
/*Set TAUB in XFVTAUR0*/
FCR0H
|= 0x0100;
/*Set SPR in FCR0H*/
FARL
= 0xDFBC;
/*Load Add register FNVAPR1H in FARL*/
FARH
= 0x0008;
/*Load Add register FNVAPR1H in FARH*/
FDR0H
= 0xFFFE;
/*Load Data in FDR0H for clearing
PEN0*/
FCR0H
|= 0x8000;
/*Operation start*/
XFVTAUR0
= 0x0000;
/*Reset TAUB in XFVTAUR0*/
Disable and re-enable of Access and Debug Protection in a permanent way (as shown by
examples 3 and 4) can be done for a maximum of 16 times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com