Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2T3 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST10F272Z2T3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2T3 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST10F272Z2T3 Datasheet HTML 18Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 19Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 20Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 21Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 22Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 23Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 24Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 25Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 189 page
background image
Memory organization
ST10F272Z2
22/189
4
Memory organization
The memory space of the ST10F272Z2 is configured in a unified memory architecture.
Code memory, data memory, registers and I/O ports are organized within the same linear
address space of 16M Bytes. The entire memory space can be accessed Byte wise or Word
wise. Particular portions of the on-chip memory have additionally been made directly bit
addressable.
IFLASH: 256 KBytes of on-chip Flash memory. It is divided in 8 blocks (B0F0...B0F7) that
constitute the Bank 0. When Bootstrap mode is selected, the Test-Flash Block B0TF
(8Kbyte) appears at address 00’0000h: refer to Chapter 5: Internal Flash memory on
page 26 for more details on memory mapping in boot mode. The summary of address range
for IFLASH is the following:
IRAM: 2K Bytes of on-chip internal RAM (dual-port) is provided as a storage for data,
system stack, general purpose register banks and code. A register bank is 16 Wordwide (R0
to R15) and / or Bytewide (RL0, RH0, …, RL7, RH7) general purpose registers group.
XRAM: 8K/16K+2K Bytes of on-chip extension RAM (single port XRAM) is provided as a
storage for data, user stack and code.
The XRAM is divided into 2 areas, the first 2K Bytes named XRAM1 and the second 8K/16K
Bytes named XRAM2, connected to the internal XBUS and are accessed like an external
memory in 16-bit demultiplexed bus-mode without wait state or read/write delay (31.25ns
access at 64 MHz CPU clock). Byte and Word accesses are allowed.
The XRAM1 address range is 00’E000h - 00’E7FFh if XPEN (bit 2 of SYSCON register),
and XRAM1EN (bit 2 of XPERCON register) are set. If XRAM1EN or XPEN is cleared, then
any access in the address range 00’E000h - 00’E7FFh will be directed to external memory
interface, using the BUSCONx register corresponding to address matching ADDRSELx
register.
The XRAM2 address range is the one selected programming XADRS3 register, if XPEN (bit
2 of SYSCON register), and XRAM2EN (bit 3 of XPERCON register) are set. If bit XPEN is
cleared, then any access in the address range programmed for XRAM2 will be directed to
external memory interface, using the BUSCONx register corresponding to address
matching ADDRSELx register.
Table 3.
Summary of IFLASH address range
Blocks
User Mode
Size
B0TF
Not visible
8K
B0F0
00’0000h - 00’1FFFh
8K
B0F1
00’2000h - 00’3FFFh
8K
B0F2
00’4000h - 00’5FFFh
8K
B0F3
00’6000h - 00’7FFFh
8K
B0F4
01’8000h - 01’FFFFh
32K
B0F5
02’0000h - 02’FFFFh
64K
B0F6
03’0000h - 03’FFFFh
64K
B0F7
04’0000h - 04’FFFFh
64K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com