Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2T3 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST10F272Z2T3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2T3 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST10F272Z2T3 Datasheet HTML 21Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 22Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 23Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 24Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 25Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 26Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 27Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 28Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 189 page
background image
ST10F272Z2
Memory organization
25/189
Figure 4.
ST10F272Z2 on-chip memory mapping (ROMEN=1 / XADRS = 800Bh - Reset value)
FF FFFF
00 0000
16 MB
255
0
Page
1023
0
Page
1
3
5
7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
07 FFFF
06 0000
05 FFFF
04 0000
03 FFFF
02 0000
01 FFFF
00 0000
FLASH
FLASH
Reserved
00 C000
00 FFFF
XCAN1
ESFR
SFR
IRAM
Reserved
00 DFFF
00 E000
00 E7FF
00 E800
00 FDFF
00 FE00
00 F1FF
00 F200
00 F5FF
00 F600
8K
256
512
1K
2K
512
Data Page 3 (Segment 0) - 16Kbyte
256
XCAN2
9
20
21
22
23
0A 0000
09 FFFF
08 0000
11
24
25
26
27
0C 0000
0B FFFF
13
28
29
30
31
0E 0000
0D FFFF
15
32
33
34
35
0F FFFF
00 F000
SFR
00 FFFF
01 0000
00 FDFF
00 FE00
512
512
00 EFFF
00 F000
XRAM1
2K
14
0F 0000
0E FFFF
12
0D 0000
0C FFFF
10
0B 0000
0A FFFF
8
6
4
05 0000
04 FFFF
07 0000
06 FFFF
09 0000
08 FFFF
2
03 0000
02 FFFF
0
0
FLASH
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
FLASH
Reserved
Reserved
01 0000
00 FFFF
Code
Segment
64
65
66
67
64
65
66
67
16
17
10 0000
10 FFFF
11 0000
11 FFFF
FLASH + XRAM - 1Mbyte
IRAM
00 EFFF
XSSC
XASC
XI2C
256
256
256
XRTC
1K
00 F1FF
00 F200
00 F5FF
00 F600
256
FLASH
XPWM
256
256
2K
XMiscellaneous
RAM / SFR (4Kbyte)
Segment
ESFR
Reserved
Bit-addressable Memory
Ext. Memory
Ext. Memory
Ext. Memory
Ext. Memory
Ext. Memory
* The first 32K of FLASH may be remapped from segment 0 to segment 1 by setting SYSCON-ROMS1 (before EINIT).
Absolute Memory Address are hexadecimal values, while Data Page Number are decimal values.
Reserved
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
XRAM2
Address Area, where XRAM2
is mirrored every 16Kbytes
boundary after reset
XRAM2
XRAM2
XRAM2
XRAM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com