Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2T3 Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST10F272Z2T3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2T3 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST10F272Z2T3 Datasheet HTML 127Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 128Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 129Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 130Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 131Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 132Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 133Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 134Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 189 page
background image
ST10F272Z2
Known limitations
131/189
24.2
Concurrent transmission requests in DAR-mode (C-CAN
module)
Description
When the C-CAN module is configured to operate in DAR-mode (Disable Automatic
Retransmission) and the host requests the transmission of several messages at the same
time, only two of these messages are transmitted. For all other requested transmit
messages, the TxRqst bits are reset but no transmission starts, NewDat and IntPnd are kept
unchanged. For the two messages which are transmitted, the TxRqst and NewDat bits are
reset and IntPnd is set if it has been enabled by TxIE.
The normal operation mode (DAR = 0) is not affected by this phenomenon.
Workaround
The DAR-mode is intended to support time triggered operation (TTCAN level 1), accepting
the transmission of a message only in its dedicated time window. It is an error to request the
transmission of several messages at the same time. So no workaround is necessary for
TTCAN applications.
The progress of a requested transmission can be monitored by checking the message
object’s TxRqst and NewDat [optionally IntPnd] bits. In DAR-Mode, when a message
transmission has failed either because the transmission was disturbed or because it has not
started, it is necessary to request the message transmission again.
For details on DAR mode and message control registers, refer to user manual UM0409.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com