Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2T3 Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST10F272Z2T3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2T3 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST10F272Z2T3 Datasheet HTML 140Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 141Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 142Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 143Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 144Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 145Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 146Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 147Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 189 page
background image
Electrical characteristics
ST10F272Z2
144/189
25.6
Flash characteristics
VDD = 5 V
± 10%, V
SS = 0 V
Table 66.
Flash characteristics
Parameter
Typical
Maximum
Unit
Notes
TA = 25°C
TA = 125°C
0 cycles(1)
0 cycles(1)
100k cycles
Word Program (32-bit) (2)
35
80
290
µs–
Double Word Program (64-bit)(2))
60
150
570
µs–
Bank 0 Program (256K)
(Double Word Program)
1.6
2.0
3.9
s
–
Sector Erase (8K)
0.6
0.5
0.9
0.8
1.0
0.9
s
not preprogrammed
preprogrammed
Sector Erase (32K)
1.1
0.8
2.0
1.8
2.7
2.5
s
not preprogrammed
preprogrammed
Sector Erase (64K)
1.7
1.3
3.7
3.3
5.1
4.7
s
not preprogrammed
preprogrammed
Bank 0 Erase (256K) (3)
5.6
4.0
13.6
11.9
19.2
17.5
s
not preprogrammed
preprogrammed
Recovery from Power-Down (tPD)–
40
40
µs
(4)
Program Suspend Latency (4)
–10
10
µs
Erase Suspend Latency (4)
–30
30
µs
Erase Suspend Request Rate (4)
20
20
20
ms
Min delay between 2
requests
Set Protection (4)
40
90
300
µs
1.
The figures are given after about 100 cycles due to testing routines (0 cycles at the final customer).
2.
Word and Double Word Programming times are provided as average values derived from a full sector programming time:
absolute value of a Word or Double Word Programming time could be longer than the average value.
3.
Bank Erase is obtained through a multiple Sector Erase operation (setting bits related to all sectors of the Bank). As
ST10F272Z2 implements only one bank, the Bank Erase operation is equivalent to Module and Chip Erase operations.
4.
Not 100% tested, guaranteed by Design Characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com