Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2T3 Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST10F272Z2T3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2T3 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST10F272Z2T3 Datasheet HTML 158Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 159Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 160Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 161Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 162Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 163Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 164Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 165Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 189 page
background image
Electrical characteristics
ST10F272Z2
162/189
1.
Not 100% tested, guaranteed by design characterization.
25.8.11
Main oscillator specifications
VDD = 5 V ± 10%, VSS = 0V, TA = –40 to +125°C
1.
Not 100% tested, guaranteed by design characterization.
Figure 50.
Crystal oscillator and resonator connection diagram
Table 72.
PLL characteristics (VDD = 5 V ± 10%, VSS = 0V, TA = –40 to +125°C)
Symbol
Parameter
Conditions
Value
Unit
min.
max.
TPSUP
PLL Start-up time 1)
Stable VDD and reference clock
–
300
µs
TLOCK
PLL Lock-in time
Stable VDD and reference clock,
starting from free-running mode
–
250
µs
TJIT
Single Period Jitter 1)
(cycle to cycle = 2 TCL)
6 sigma time period variation
(peak to peak)
–500
+500
ps
Ffree
PLL free running frequency
Multiplication Factors: 3, 4
Multiplication Factors: 5, 8, 10, 16
250
500
2000
4000
kHz
Table 73.
Main oscillator characteristics
Symbol
Parameter
Conditions
Value
Unit
min.
typ.
max.
gm
Oscillator
Transconductance
1.4
2.6
4.2
mA/V
VOSC
Oscillation Amplitude 1)
Peak to Peak
–
1.5
–
V
VAV
Oscillation Voltage level 1)
Sine wave middle
–
0.8
–
V
tSTUP
Oscillator Start-up Time 1)
Stable VDD - Crystal
–
6
10
ms
Stable VDD - Resonator
–
12ms
CA
CA
crystal
Resonator
ST10F272Z2
ST10F272Z2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com