Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT715S-RSC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ACT715S-RSC
Description  Programmable Video Sync Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT715S-RSC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACT715S-RSC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACT715, 74ACT715-R Rev. 1.3
5
Register Description
All of the data registers are 12 bits wide. Width’s of all
pulses are defined by specifying the start count and end
count of all pulses. Horizontal pulses are specified with
respect to the number of clock pulses per line and verti-
cal pulses are specified with respect to the number of
lines per frame.
REG0—Status Register
The Status Register controls the mode of operation, the
signals that are output and the polarity of these outputs.
The default value for the Status Register is 0 (000 Hex) for
the ACT715 and is “1024” (400 Hex) for the ACT715-R.
Bits 0–2
Bits 3–4
Double Equalization and Serration mode will output
equalization and serration pulses at twice the HSYNC
frequency (i.e., 2 equalization or serration pulses for
every HSYNC pulse). Single Equalization and Serration
mode will output an equalization or serration pulse for
every HSYNC pulse. In Interlaced mode equalization
and serration pulses will be output during the VBLANK
period of every odd and even field. Interlaced Single
Equalization and Serration mode is not possible with this
part.
Bits 5–8
Bits 5 through 8 control the polarity of the outputs. A
value of zero in these bit locations indicates an output
pulse active LOW. A value of 1 indicates an active HIGH
pulse.
B5—
VCBLANK Polarity
B6—
VCSYNC Polarity
B7—
HBLHDR Polarity
B8—
HSYNVDR Polarity
Bits 9–11
Bits 9 through 11 enable several different features of the
device.
B9—
Enable Equalization/Serration Pulses (0)
Disable Equalization/Serration Pulses (1)
B10—
Disable System Clock (0)
Enable System Clock (1)
Default values for B10 are “0” in the ACT715
and “1” in the ACT715-R.
B11—
Disable Counter Test Mode (0)
Enable Counter Test Mode (1)
This bit is not intended for the user but is for
internal testing only.
Horizontal Interval Registers
The Horizontal Interval Registers determine the number
of clock cycles per line and the characteristics of the
Horizontal Sync and Blank pulses.
REG1— Horizontal Front Porch
REG2— Horizontal Sync Pulse End Time
REG3— Horizontal Blanking Width
REG4— Horizontal Interval Width # of Clocks per Line
Vertical Interval Registers
The Vertical Interval Registers determine the number of
lines per frame, and the characteristics of the Vertical
Blank and Sync Pulses.
REG5— Vertical Front Porch
REG6— Vertical Sync Pulse End Time
REG7— Vertical Blanking Width
REG8— Vertical Interval Width # of Lines per Frame
Equalization and Serration Pulse Specification
Registers
These registers determine the width of equalization and
serration pulses and the vertical interval over which they
occur.
REG 9— Equalization Pulse Width End Time
REG10— Serration Pulse Width End Time
REG11— Equalization/Serration Pulse Vertical Interval
Start Time
REG12— Equalization/Serration Pulse Vertical Interval
End Time
Vertical Interrupt Specification Registers
These Registers determine the width of the Vertical
Interrupt signal if used.
REG13— Vertical Interrupt Activate Time
REG14— Vertical Interrupt Deactivate Time
B2 B1 B0 VCBLANK VCSYNC HBLHDR HSYNVDR
0
0
0
CBLANK
CSYNC
HGATE
VGATE
(DEFAULT)
0
0
1
VBLANK
CSYNC
HBLANK
VGATE
0
1
0
CBLANK
VSYNC
HGATE
HSYNC
0
1
1
VBLANK
VSYNC
HBLANK
HSYNC
1
0
0
CBLANK
CSYNC
CUSOR
VINT
1
0
1
VBLANK
CSYNC
HBLANK
VINT
1
1
0
CBLANK
VSYNC
CUSOR
HSYNC
1
1
1
VBLANK
VSYNC
HBLANK
HSYNC
B4
B3
Mode of Operation
0
0
Interlaced Double Serration and Equalization
(DEFAULT)
0
1
Non Interlaced Double Serration
1
0
Illegal State
1
1
Non Interlaced Single Serration and Equalization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com