Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT715S-RSC Datasheet(PDF) 13 Page - Fairchild Semiconductor

Part # 74ACT715S-RSC
Description  Programmable Video Sync Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT715S-RSC Datasheet(HTML) 13 Page - Fairchild Semiconductor

Back Button 74ACT715S-RSC Datasheet HTML 9Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 10Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 11Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 12Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 13Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 14Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 15Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 16Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 17Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACT715, 74ACT715-R Rev. 1.3
13
DC Electrical Characteristics
For ACT Family Devices over Operating Temperature Range (unless otherwise specified).
Notes:
1. All outputs loaded; thresholds on input associated with input under test.
2. Test Load 50pF, 500
Ω to Ground.
AC Electrical Characteristics
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH
Level Input Voltage
4.5
VOUT = 0.1V
or VCC – 0.1V
1.5
2.0
2.0
V
5.5
1.5
2.0
2.0
VIL
Maximum LOW
Level Input Voltage
4.5
VOUT = 0.1V
or VCC – 0.1V
1.5
0.8
0.8
V
5.5
1.5
0.8
0.8
VOH
Minimum HIGH
Level Output Voltage
4.5
IOUT = –50 µA
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
4.5
VIN = VIL/VIH,
IOH = –8 mA
(1)
3.86
3.76
V
5.5
4.86
4.76
VOL
Maximum LOW
Level Output Voltage
4.5
IOUT = 50µA
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
4.5
VIN = VIL/VIH,
IOH = +8mA
(1)
0.36
0.44
V
5.5
0.36
0.44
IOLD
Minimum Dynamic
Output Current
5.5
VOLD = 1.65V
32.0
mA
IOHD
Minimum Dynamic
Output Current
5.5
VOHD = 3.85V
–32.0
mA
IIN
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
±1.0
µA
ICC
Supply Current
Quiescent
5.5
VIN = VCC, GND
8.0
80
µA
ICCT
Maximum ICC/Input
5.5
VIN = VCC – 2.1V
0.6
1.5
mA
Symbol
Parameter
VCC (V)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
fMAXI
Interlaced fMAX
(HMAX/2 is ODD)
5.0
170
190
150
MHz
fMAX
Non-Interlaced fMAX
(HMAX/2 is EVEN)
5.0
190
220
175
MHz
tPLH1, tPHL1 Clock to Any Output
5.0
4.0
13.0
15.5
3.5
18.5
ns
tPLH2, tPHL2 Clock to ODDEVEN
(Scan Mode)
5.0
4.5
15.0
17.0
3.5
20.5
ns
tPLH3
Load to Outputs
5.0
4.0
11.5
16.0
3.0
19.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com