Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT715S-RSC Datasheet(PDF) 12 Page - Fairchild Semiconductor

Part # 74ACT715S-RSC
Description  Programmable Video Sync Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT715S-RSC Datasheet(HTML) 12 Page - Fairchild Semiconductor

Back Button 74ACT715S-RSC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 9Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 10Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 11Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 12Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 13Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 14Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 15Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 16Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACT715, 74ACT715-R Rev. 1.3
12
RS170 Horizontal Data
RS170 Verticle Data
Signal
Width
µs
%H
Specification (µs)
HFP
22 Clocks
1.536
1.5 ± 0.1
HSYNC Width
68 Clocks
4.749
7.47
4.7 ± 0.1
HBLANK Width
156 Clocks
10.895
17.15
10.9 ± 0.2
HDRIVE Width
91 Clocks
6.356
10.00
0.1H ± 0.005H
HEQP Width
34 Clocks
2.375
3.74
2.3 ± 0.1
HSERR Width
68 Clocks
4.749
7.47
4.7 ± 0.1
HPER iod
910 Clocks
63.556
100
Signal
Width
µs
%H
Specification (µs)
VFP
3 Lines
190.67
6 EQP Pulses
VSYNC Width
3 Lines
190.67
6 Serration Pulses
VBLANK Width
20 Lines
1271.12
7.62
0.075V ± 0.005V
VDRIVE Width
11.0 Lines
699.12
4.20
0.04V ± 0.006V
VEQP Intrvl
9 Lines
3.63
9 Lines/Field
VPERiod (field)
262.5 Lines
16.683 ms
16.683ms/Field
VPERiod (frame)
525 Lines
33.367 ms
33.367ms/Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com