Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT715S-RSC Datasheet(PDF) 14 Page - Fairchild Semiconductor

Part # 74ACT715S-RSC
Description  Programmable Video Sync Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT715S-RSC Datasheet(HTML) 14 Page - Fairchild Semiconductor

Back Button 74ACT715S-RSC Datasheet HTML 10Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 11Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 12Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 13Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 14Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 15Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 16Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 17Page - Fairchild Semiconductor 74ACT715S-RSC Datasheet HTML 18Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACT715, 74ACT715-R Rev. 1.3
14
AC Operating Requirements
Note:
3. Removal of Vectored Reset or Restart to Clock.
Capacitance
Figure 6. AC Specifications
Symbol
Parameter
VCC (V)
TA = +25°C
TA = –40°C to +85°C
Units
Typ.
Guaranteed Minimums
Control Setup Time:
5.0
tsc
ADDR/DATA to LOAD–
3.0
4.0
4.5
ns
tsc
L/HBYTE to LOAD–
3.0
4.0
4.5
ns
tsd
Data Setup Time:
D7–D0 to LOAD+
5.0
2.0
4.0
4.5
ns
Control Hold Time:
5.0
thc
LOAD– to ADDR/DATA
0
1.0
1.0
ns
thc
LOAD– to L/HBYTE
0
1.0
1.0
ns
thd
Data Hold Time:
LOAD+ to D7–D0
5.0
1.0
2.0
2.0
ns
trec
LOAD+ to CLK(3)
5.0
5.5
7.0
8.0
ns
Load Pulse Width:
5.0
twld–
LOW
3.0
5.5
5.5
ns
twld+
HIGH
3.0
5.0
7.5
ns
twclr
CLR Pulse Width HIGH
5.0
5.5
6.5
9.5
ns
twck
CLOCK Pulse Width
(HIGH or LOW)
5.0
2.5
3.0
3.5
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = 5.0V
7.0
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
17.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com