Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2171STR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STMPS2171STR
Description  Enhanced single channel power switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2171STR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STMPS2171STR Datasheet HTML 5Page - STMicroelectronics STMPS2171STR Datasheet HTML 6Page - STMicroelectronics STMPS2171STR Datasheet HTML 7Page - STMicroelectronics STMPS2171STR Datasheet HTML 8Page - STMicroelectronics STMPS2171STR Datasheet HTML 9Page - STMicroelectronics STMPS2171STR Datasheet HTML 10Page - STMicroelectronics STMPS2171STR Datasheet HTML 11Page - STMicroelectronics STMPS2171STR Datasheet HTML 12Page - STMicroelectronics STMPS2171STR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
STMPS2141, STMPS2151, STMPS2161, STMPS2171
Functional description
Doc ID 13793 Rev 4
9/34
3
Functional description
3.1
Fault blanking
The STMPS devices feature a 10 ms fault blanking. Fault blanking allows current-limit faults,
including momentary short-circuit faults that occur when hot-swapping a capacitive load,
and also ensures that no fault is issued during power-up. When a load transient causes the
device to enter current limit, an internal counter starts. If the load fault persists beyond the
10 ms fault-blanking timeout, the FAULT output asserts “low”. Load-transient faults less than
10 ms (typ.) do not cause a FAULT output assertion. Only current-limit faults are blanked.
Die over-temperature faults and input voltage drops below the UVLO threshold cause an
immediate fault output.
3.2
Overcurrent/over-temperature protection
In overcurrent or short-circuit condition, the switch limits the current at a value of about
120% of the rated current. If the temperature of the die goes above the limit value, the switch
turns off.
3.3
FAULT conditions
In power switch applications, 4 types of FAULT conditions are common. These fault
conditions and the response of the STMPS21x1 power switches are described in the
following Table 3.
Table 3.
FAULT conditions
Fault
Condition
STMPS21x1 action
Short circuit
Output shorted to GND via resistance
path of < 1
Ω, causing a rapid current
surge.
Reduces output voltage to reduce the
current. Asserts FAULT pin after a
blanking period
Over-current
Output connected to a load that sinks
current above threshold.
Reduces output voltage to reduce the
current. Asserts FAULT pin after a
blanking period.
Overheating
Temperature of junction exceeds 135°C
due to any reason.
Turn OFF output until temperature falls
below 125°C. Asserts FAULT pin
immediately.
Undervoltage
Input voltage drops below the UVLO
treshold.
Turn OFF output until input voltage rises
above the UVLO treshold plus hysteresis.
Asserts FAULT pin immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com