Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2171STR Datasheet(PDF) 29 Page - STMicroelectronics

Part # STMPS2171STR
Description  Enhanced single channel power switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2171STR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STMPS2171STR Datasheet HTML 25Page - STMicroelectronics STMPS2171STR Datasheet HTML 26Page - STMicroelectronics STMPS2171STR Datasheet HTML 27Page - STMicroelectronics STMPS2171STR Datasheet HTML 28Page - STMicroelectronics STMPS2171STR Datasheet HTML 29Page - STMicroelectronics STMPS2171STR Datasheet HTML 30Page - STMicroelectronics STMPS2171STR Datasheet HTML 31Page - STMicroelectronics STMPS2171STR Datasheet HTML 32Page - STMicroelectronics STMPS2171STR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
STMPS2141, STMPS2151, STMPS2161, STMPS2171
Package mechanical data
Doc ID 13793 Rev 4
29/34
Figure 57.
SO-8 package outline
1. Drawing not to scale
Table 19.
SO-8 mechanical data
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A
1.35
−
1.75
0.053
−
0.069
−−
−
−
−
−
A1
0.10
−
0.25
0.004
−
0.010
A2
1.10
−
1.65
0.043
−
0.065
B
0.33
−
0.51
0.013
−
0.020
C
0.19
−
0.25
0.007
−
0.010
D
(1)
1.
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, potrusions or gate burrs
shall not exceed 0.15mm (.006inch) in total (both sides).
4.80
−
5.00
0.189
−
0.197
E
3.80
−
4.00
0.15
−
0.157
e
−
1.27
−−
0.050
−
H
5.80
−
6.20
0.228
−
0.244
h
0.25
−
0.50
0.010
−
0.020
L
0.40
−
1.27
0.016
−
0.050
k
0° (min.), 8° (max.)
ddd
−−
0.10
−−
0.004
0016023 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com