Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2171STR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STMPS2171STR
Description  Enhanced single channel power switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2171STR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STMPS2171STR Datasheet HTML 7Page - STMicroelectronics STMPS2171STR Datasheet HTML 8Page - STMicroelectronics STMPS2171STR Datasheet HTML 9Page - STMicroelectronics STMPS2171STR Datasheet HTML 10Page - STMicroelectronics STMPS2171STR Datasheet HTML 11Page - STMicroelectronics STMPS2171STR Datasheet HTML 12Page - STMicroelectronics STMPS2171STR Datasheet HTML 13Page - STMicroelectronics STMPS2171STR Datasheet HTML 14Page - STMicroelectronics STMPS2171STR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
STMPS2141, STMPS2151, STMPS2161, STMPS2171
Ambient temperature
Doc ID 13793 Rev 4
11/34
4
Ambient temperature
In Enable operating mode, an amount of power is dissipated as heat in the power switch due
to the on-resistance. The power dissipation is: P = I2R.
Table 4.
SOT23-5L (160 °C/W)
Part number
Max current
Max RON at
5V
Power
dissipation
Temperature
difference
(junction and
ambient)
Maximum ambient
temperature
(at junction
temperature 125 °C)
STMPS2141
0.50 A
130 m
Ω
32.5 mW
6.2
118.8
STMPS2151
STMPS2161
1.00 A
130 m
Ω
130.0 mW
24.8
100.2
STMPS2171
Table 5.
MSOP8 (220 °C/W)
Part number
Max
current
Max RON
at 5 V
Power
dissipation
Temperature
difference
(junction and
ambient)
Maximum ambient
temperature
(at junction temperature
125 °C)
STMPS2141
0.50 A
130 m
Ω
32.5 mW
7.2
117.8
STMPS2151
STMPS2161
1.00 A
130 m
Ω
130.0 mW
28.6
96.4
STMPS2171
Table 6.
SO-8 (160 °C/W)
Part number
Max current
Max RON
at 5 V
Power
dissipation
Temperature
difference (junction
and ambient)
Maximum ambient
temperature
(at junction temperature
125 °C)
STMPS2141
0.50 A
130 m
Ω
32.5 m
Ω
5.2
124.8
STMPS2151
STMPS2161
1.00 A
130 m
Ω
130.0 m
Ω
20.8
104.2
STMPS2171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com