Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F212BCSNFA Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F212BCSNFA
Description  RENESAS MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F212BCSNFA Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F212BCSNFA Datasheet HTML 37Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 38Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 39Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 40Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 41Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 42Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 43Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 44Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
R8C/2A Group, R8C/2B Group
5. Electrical Characteristics
Rev.2.10
Nov 26, 2007
Page 39 of 60
REJ03B0182-0210
Figure 5.2
Time delay until Suspend
NOTES:
1.
The measurement condition is VCC = 2.2 V to 5.5 V and Topr = -20 to 85
°C (N version) / -40 to 85°C (D version).
2.
Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA25 bit in the VCA2
register to 0.
NOTES:
1.
The measurement condition is VCC = 2.2 V to 5.5 V and Topr = -20 to 85
°C (N version) / -40 to 85°C (D version).
2.
Time until the voltage monitor 1 interrupt request is generated after the voltage passes Vdet1.
3.
Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA26 bit in the VCA2
register to 0.
NOTES:
1.
The measurement condition is VCC = 2.2 V to 5.5 V and Topr = -20 to 85
°C (N version) / -40 to 85°C (D version).
2.
Time until the voltage monitor 2 interrupt request is generated after the voltage passes Vdet2.
3.
Necessary time until the voltage detection circuit operates after setting to 1 again after setting the VCA27 bit in the VCA2
register to 0.
Table 5.7
Voltage Detection 0 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet0
Voltage detection level
2.2
2.3
2.4
V
−
Voltage detection circuit self power consumption
VCA25 = 1, VCC = 5.0 V
−
0.9
−µA
td(E-A)
Waiting time until voltage detection circuit operation
starts(2)
−−
300
µs
Vccmin
MCU operating voltage minimum value
2.2
−−
V
Table 5.8
Voltage Detection 1 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet1
Voltage detection level
2.70
2.85
3.00
V
−
Voltage monitor 1 interrupt request generation time(2)
−
40
−µs
−
Voltage detection circuit self power consumption
VCA26 = 1, VCC = 5.0 V
−
0.6
−µA
td(E-A)
Waiting time until voltage detection circuit operation
starts(3)
−−
100
µs
Table 5.9
Voltage Detection 2 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet2
Voltage detection level
3.3
3.6
3.9
V
−
Voltage monitor 2 interrupt request generation time(2)
−
40
−µs
−
Voltage detection circuit self power consumption
VCA27 = 1, VCC = 5.0 V
−
0.6
−µA
td(E-A)
Waiting time until voltage detection circuit operation
starts(3)
−−
100
µs
FMR46
Suspend request
(maskable interrupt request)
Fixed time
td(SR-SUS)
Clock-dependent
time
Access restart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com