Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F212BCSNFA Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # R5F212BCSNFA
Description  RENESAS MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F212BCSNFA Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button R5F212BCSNFA Datasheet HTML 44Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 45Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 46Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 47Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 48Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 49Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 50Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 51Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
R8C/2A Group, R8C/2B Group
5. Electrical Characteristics
Rev.2.10
Nov 26, 2007
Page 46 of 60
REJ03B0182-0210
NOTES:
1.
VCC = 2.2 to 5.5 V, VSS = 0 V and Topr = -20 to 85
°C (N version) / -40 to 85°C (D version), unless otherwise specified.
2.
1tCYC = 1/f1(s)
Figure 5.7
I/O Timing of I2C bus Interface
Table 5.15
Timing Requirements of I2C bus Interface (1)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
tSCL
SCL input cycle time
12tCYC + 600(2)
−−
ns
tSCLH
SCL input “H” width
3tCYC + 300(2)
−−
ns
tSCLL
SCL input “L” width
5tCYC + 500(2)
−−
ns
tsf
SCL, SDA input fall time
−−
300
ns
tSP
SCL, SDA input spike pulse rejection time
−−
1tCYC(2)
ns
tBUF
SDA input bus-free time
5tCYC(2)
−−
ns
tSTAH
Start condition input hold time
3tCYC(2)
−−
ns
tSTAS
Retransmit start condition input setup time
3tCYC(2)
−−
ns
tSTOP
Stop condition input setup time
3tCYC(2)
−−
ns
tSDAS
Data input setup time
1tCYC + 20(2)
−−
ns
tSDAH
Data input hold time
0
−−
ns
SDA
tSTAH
tSCLL
tBUF
VIH
VIL
tSCLH
SCL
tsr
tsf
tSDAH
tSCL
tSTAS
tSP
tSTOP
tSDAS
P(2)
S(1)
Sr(3)
P(2)
NOTES:
1. Start condition
2. Stop condition
3. Retransmit start condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com