Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F212BCSNFA Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R5F212BCSNFA
Description  RENESAS MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F212BCSNFA Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R5F212BCSNFA Datasheet HTML 18Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 19Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 20Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 21Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 22Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 23Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 24Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 25Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
R8C/2A Group, R8C/2B Group
3. Memory
Rev.2.10
Nov 26, 2007
Page 20 of 60
REJ03B0182-0210
3.
Memory
3.1
R8C/2A Group
Figure 3.1 is a Memory Map of R8C/2A Group. The R8C/2A group has 1 Mbyte of address space from addresses
00000h to FFFFFh.
The internal ROM is allocated lower addresses, beginning with address 0FFFFh. For example, a 48-Kbyte internal
ROM area is allocated addresses 04000h to 0FFFFh.
The fixed interrupt vector table is allocated addresses 0FFDCh to 0FFFFh. They store the starting address of each
interrupt routine.
The internal RAM is allocated higher addresses, beginning with address 00400h. For example, a 2.5-Kbyte internal
RAM area is allocated addresses 00400h to 00DFFh. The internal RAM is used not only for storing data but also
for calling subroutines and as stacks when interrupt requests are acknowledged.
Special function registers (SFRs) are allocated addresses 00000h to 002FFh. The peripheral function control
registers are allocated here. All addresses within the SFR, which have nothing allocated are reserved for future use
and cannot be accessed by users.
Figure 3.1
Memory Map of R8C/2A Group
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer, oscillation stop detection, voltage monitor
(Reserved)
(Reserved)
Reset
Internal ROM
Internal RAM
Size
Address 0YYYYh
48 Kbytes
64 Kbytes
96 Kbytes
128 Kbytes
−
13FFFh
1BFFFh
23FFFh
00DFFh
00FFFh
011FFh
011FFh
00400h
002FFh
00000h
Internal RAM
SFR
(Refer to 4. Special
Function Registers
(SFRs))
0FFFFh
0FFDCh
Address 0XXXXh
NOTE:
1. The blank regions are reserved. Do not access locations in these regions.
Address ZZZZZh
Size
2.5 Kbytes
3 Kbytes
7 Kbytes
7.5 Kbytes
04000h
04000h
04000h
04000h
FFFFFh
0FFFFh
0YYYYh
Internal ROM
(program ROM)
Expanded area
Internal ROM
(program ROM)
ZZZZZh
0XXXXh
03000h
Internal RAM
0WWWWh
−
−
03DFFh
03FFFh
Address 0WWWWh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com