Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F212BCSNFA Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # R5F212BCSNFA
Description  RENESAS MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F212BCSNFA Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button R5F212BCSNFA Datasheet HTML 58Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 59Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 60Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 61Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 62Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 63Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 64Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 65Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 66Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
A - 1
REVISION HISTORY
R8C/2A Group, R8C/2B Group Datasheet
Rev.
Date
Description
Page
Summary
0.01
Apr 03, 2006
−
First Edition issued
0.10
Jun 26, 2006
All pages Pin name revised
CMP0_0
→ TRFO00, CMP0_1 → TRFO01, CMP0_2 → TRFO02,
CMP1_0
→ TRFO10, CMP1_1 → TRFO11, CMP1_2 → TRFO12,
TRFIN
→ TRFI
2, 4
Table 1.1 Specifications for R8C/2A Group (1) and Table 1.3
Specifications for R8C/2B Group (1);
I/O Ports:
• Input-only: 3 pins → 2 pins revised
Interrupts:
• Internal: 17 sources → 23 sources revised
3, 5
Table 1.2 Specifications for R8C/2A Group (2) and Table 1.4
Specifications for R8C/2B Group (2);
ROM Correction Function deleted
8
Figure 1.3 Block Diagram revised
9
Figure 1.4 Pin Assignment (Top View) revised
10, 11
Table 1.7 Pin Name Information by Pin Number (1) and Table 1.8 Pin
Name Information by Pin Number (2) revised
12, 13
Table 1.9 Pin Functions (1) and Table 1.10 Pin Functions (2) revised
19
Table 4.1 SFR Information (1);
• 0008h: Module Standby Control Register, MSTCR, 00h added
• 001Ch: “00h”
→ “00h, 10000000b” revised
• NOTE6 added
20
Table 4.2 SFR Information (2);
• 005Fh: Capture Interrupt Control Register, CAPIC, XXXXX000b added
22
Table 4.4 SFR Information (4);
• 00DCh: “00DDh”
→ “00DCh” revised
• 00F5h: “XXXX00XXb”
→ “00h” revised
23
Table 4.5 SFR Information (5);
• 0105h: LIN Special Function Register, LINCR2, 00h added
30
Table 4.12 SFR Information (12);
• 02C2h, 02C3h: A/D Register 1, AD1, XXh deleted
• 02C4h, 02C5h: A/D Register 2, AD2, XXh deleted
• 02C6h, 02C7h: A/D Register 3, AD3, XXh deleted
31
Package Dimensions;
“Diagrams showing the latest package dimensions... in the “Packages”
section of the Renesas Technology website.” added
0.20
Sep 15, 2006
31 to 54 5. Electrical Characteristics added
0.30
Dec 22, 2006
6
Table 1.5 and Figure 1.1 revised
7
Table 1.6 and Figure 1.2 revised
17
Figure 3.1 revised
18
Figure 3.2 revised
R8C/2A Group, R8C/2B Group Datasheet
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com