Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS3007A-RPP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAS3007A-RPP
Description  Low VF Schottky Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS3007A-RPP Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAS3007A-RPP Datasheet HTML 1Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 2Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 3Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 4Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 5Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2007-11-20
3
BAS3007A...
Diode capacitance CT = ƒ (VR)
f = 1MHz (per diode)
0
5
10
15
20
V
30
VR
4
6
8
10
12
14
16
18
20
22
24
26
pF
30
Forward Voltage VF = ƒ (TA)
IF = Parameter (per diode)
-45
-15
15
45
75
°C
135
TA
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
V
0.7
IF = 100mA
IF = 350mA
IF = 700mA
IF = 900mA
Forward current IF = ƒ (VF)
TA = Parameter (per diode)
0.15
0.25
0.35
0.45
V
0.65
VF
-1
10
0
10
A
+125°C
+85°C
+25°C
-40°C
Permissible Reverse voltage VR = ƒ (TA)
tp = Paramter, Duty cycle < 0.01
Device mounted on PCB with Rth = 160 K/W
0
20
40
60
80
100 °C
130
TA
0
5
10
15
20
25
V
35
DC
20 ms
1 ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com