Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS3007A-RPP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BAS3007A-RPP
Description  Low VF Schottky Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS3007A-RPP Datasheet(HTML) 5 Page - Infineon Technologies AG

  BAS3007A-RPP Datasheet HTML 1Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 2Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 3Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 4Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 5Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2007-11-20
5
BAS3007A...
Package SOT143
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
RF s
2005, June
Date code (YM)
BFP181
Type code
Pin 1
0.8
0.8
1.2
1.2
0.8
0.8
0.8 -0.05
+0.1
1.9
1.7
±0.1
2.9
+0.1
-0.05
0.4
0.1 MAX.
12
3
4
0.25 M B
±0.1
1
0.2
A
M
0.2
A
0...8˚
0.08...0.15
4
3.15
Pin 1
0.2
1.15
B
Manufacturer



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com