Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS3007A-RPP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAS3007A-RPP
Description  Low VF Schottky Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS3007A-RPP Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAS3007A-RPP Datasheet HTML 1Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 2Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 3Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 4Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 5Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2007-11-20
1
BAS3007A...
Low VF Schottky Diode Array
• Reverse voltage: 30 V
• Forward current: 0.9 A
• Small diode quad array for polarity independence,
reverse polarity protection and low loss
bridge rectification
• Very low forward voltage:
0.5 V typ. @ 0.7 A (per diode)
• Fast switching
• Pb-free (ROHS compliant) package1)
• Qualified according AEC Q101
BAS3007A-RPP
2
1
D2
D1
4
3
D3
D4
+
-
~
~
Type
Package
Configuration
Marking
BAS3007A-RPP
SOT143
bridge
E1s
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage2)
VR
30
V
Peak reverse voltage2)
VRM
30
RMS reverse voltage2)
VR(RMS)
21
Forward current2)
TS ≤ 46°C
TS ≤ 82°C
IF
900
700
mA
Non-repetitive peak surge forward current
(t
≤ 10 ms)
IFSM
5
A
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
1Pb-containing package may be available upon special request
2For TA > 25°C the derating of VR and IF has to be considered. Please refer to the attached curves.


Similar Part No. - BAS3007A-RPP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS3005A INFINEON-BAS3005A Datasheet
65Kb / 7P
Low VF Schottky Diode
2007-04-19
BAS3005A-02V INFINEON-BAS3005A-02V Datasheet
65Kb / 7P
Low VF Schottky Diode
2007-04-19
BAS3005A-02V INFINEON-BAS3005A-02V Datasheet
815Kb / 8P
Low VF Schottky Diode
2008-02-11
BAS3005A02V INFINEON-BAS3005A02V Datasheet
1Mb / 35P
Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
BAS3005A02VH6327XTSA1 INFINEON-BAS3005A02VH6327XTSA1 Datasheet
1Mb / 35P
Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
More results

Similar Description - BAS3007A-RPP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS3005A INFINEON-BAS3005A Datasheet
65Kb / 7P
Low VF Schottky Diode
2007-04-19
BAS3010S INFINEON-BAS3010S Datasheet
62Kb / 6P
Low VF Schottky Diode
2007-08-16
BAS3005S-02LRH INFINEON-BAS3005S-02LRH Datasheet
796Kb / 6P
Low VF Schottky Diode
2009-02-02
BAS4002S-02LRH INFINEON-BAS4002S-02LRH Datasheet
796Kb / 6P
Low VF Schottky Diode
2009-02-02
BAS3005A-02V INFINEON-BAS3005A-02V Datasheet
815Kb / 8P
Low VF Schottky Diode
2008-02-11
BAS4002A-RPP INFINEON-BAS4002A-RPP Datasheet
806Kb / 6P
Low VF Schottky Diode Array
2008-05-16
logo
Central Semiconductor C...
CMLSH2-4T CENTRAL-CMLSH2-4T Datasheet
765Kb / 4P
LOW VF SCHOTTKY DIODE
CMLSH05-4 CENTRAL-CMLSH05-4_15 Datasheet
441Kb / 3P
LOW VF SCHOTTKY DIODE
CMLSH05-4DO CENTRAL-CMLSH05-4DO_15 Datasheet
507Kb / 3P
LOW VF SCHOTTKY DIODE
CMLM0205 CENTRAL-CMLM0205_15 Datasheet
522Kb / 3P
LOW VF SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com