Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS3007A-RPP Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BAS3007A-RPP
Description  Low VF Schottky Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS3007A-RPP Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAS3007A-RPP Datasheet HTML 1Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 2Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 3Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 4Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 5Page - Infineon Technologies AG BAS3007A-RPP Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2007-11-20
4
BAS3007A...
Forward current IF = ƒ (TS)
Current flows through two chips
per package at the same time (per array)
0
15
30
45
60
75
90 105 120 °C
150
TS
0
100
200
300
400
500
600
700
800
mA
1000
Application example BAS3007A-RPP
Advanced Reverse Polarity Protection(RPP): due to diode orientation, circuit at the right
will be protected from damage and will also function normally in the event reverse polarity is
applied to pins 2 and 3 of the BAS3007A-RPP.
DC Plug to
power supply
2
1
4
3
+Vs /
Ground
Ground /
+Vs
Reverse polarity
protected circuit
Ground
+Vs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com