Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1206PBF Datasheet(PDF) 11 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IP1206PBF Datasheet HTML 7Page - International Rectifier IP1206PBF Datasheet HTML 8Page - International Rectifier IP1206PBF Datasheet HTML 9Page - International Rectifier IP1206PBF Datasheet HTML 10Page - International Rectifier IP1206PBF Datasheet HTML 11Page - International Rectifier IP1206PBF Datasheet HTML 12Page - International Rectifier IP1206PBF Datasheet HTML 13Page - International Rectifier IP1206PBF Datasheet HTML 14Page - International Rectifier IP1206PBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
2/26/2008
www.irf.com
11
iP1206PbF
Internal Regulator
iP1206 features an on-board regulator capable of
sourcing current up to 100mA. This integrated
regulator can be used to generate the necessary
bias voltage for drivers. An example of how this
can be used is shown in Fig. 25. The output of
the regulator is protected for short circuit and
thermal shutdown.
Out-of-Phase Operation
The iP1206 drives its two output stages 180o out-
of-phase. In current share mode (single output),
the two inductor ripple currents cancel each other
and result in a reduction of the output current
ripple and yield a smaller output capacitor for the
same ripple voltage requirement. Fig. 7 shows
two channels inductor current and the resulting
voltage ripple at output.
IL1
IL2
HDRV1
HDRV2
0DT
T
Ic
Io
Mode Selection
The iP1206 can operate as a dual output
independently regulated buck converter, or as a
2 phase single output buck converter (in current
share mode). The SS2 pin is used for mode
selection. In current share mode this pin should
be floating and in dual output mode a soft start
capacitor must be connected from this pin to
ground to program the start time for the second
output.
Independent Mode
In this mode the iP1206 provides control to two
independent output power supplies with either
common or different input voltages. The output
voltage of each individual channel is set and
controlled by the output of the error amplifier,
which is the amplified error signal from the
sensed output voltage and the reference voltage.
The error amplifier output voltage is compared to
the ramp signal thus generating fixed frequency
pulses of variable duty-cycle, (PWM) which are
applied to the internal MOSEFT drivers. Fig. 25b
shows
a
typical
schematic
for
such
an
application.
Fig. 7: Current ripple cancellation for output
In addition, the 180o out of phase operation
contributes to input current cancellation. This
results in a much smaller input capacitor - RMS
current thereby reducing the input capacitor
quantity. Fig. 8 shows the equivalent RMS
current.
Single Phase
2 Phase
Duty Cycle (Vo/Vin)
Fig. 8: Input RMS value vs. Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com