Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1206PBF Datasheet(PDF) 14 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 14 Page - International Rectifier

Back Button IP1206PBF Datasheet HTML 10Page - International Rectifier IP1206PBF Datasheet HTML 11Page - International Rectifier IP1206PBF Datasheet HTML 12Page - International Rectifier IP1206PBF Datasheet HTML 13Page - International Rectifier IP1206PBF Datasheet HTML 14Page - International Rectifier IP1206PBF Datasheet HTML 15Page - International Rectifier IP1206PBF Datasheet HTML 16Page - International Rectifier IP1206PBF Datasheet HTML 17Page - International Rectifier IP1206PBF Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
2/26/2008
www.irf.com
14
iP1206PbF
Fig. 13: Ratiometric Power up /down
Output
Voltage
Tracking
and
Sequencing
The iP1206 can accommodate a full spectrum of
user programmable tracking and sequencing
options using Track, Seq, Enable and Power
Good pins.
Through these pins both simple voltage tracking
such as that required by the DDR memory
application and more sophisticated sequencing
such
ratiometric
or
simultaneously
can
be
implemented.
The Seq pin controls the internal current sources
to set the power up or down sequencing, toggle
this pin high for power up and toggle this pin low
for power down.
The Track pin is used to determine the second
channel
output
for
either
ratiometric
or
simultaneously by using two external resistors.
Fig. 12 shows how these pins are configured for
different sequencing mode.
E/A1
VP1
Fb1
SS1/SD1
ISS1 = 28uA
POR
OCP1
Ihiccup1 = 3uA
64uA
3V
Seq
VREF
Vo1
RA
RB
CSS1
Fig.12: Using Seq and Track pin for different sequencing
In general the R
A and RB set the output voltage
for the first output and R
C and RD set the output
voltage for the second output.
For simultaneously vs. ratiometric, RE and RF
can be selected according to the table below:
Fig. 14: Simultaneously Power Up / down
E/A2
VP2
Fb2
SS2/SD2
ISS2 = 28uA
Track
POR
OCP2
Ihiccup2 = 3uA
64uA
3V
Floating
Vo2
Vo1
RC
RD
RE
RF
VREF
And R
F = RB
And R
F = RD
Set R
E = RA
Set R
E = RC
ratiometric
simultaneously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com