Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1206PBF Datasheet(PDF) 16 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 16 Page - International Rectifier

Back Button IP1206PBF Datasheet HTML 12Page - International Rectifier IP1206PBF Datasheet HTML 13Page - International Rectifier IP1206PBF Datasheet HTML 14Page - International Rectifier IP1206PBF Datasheet HTML 15Page - International Rectifier IP1206PBF Datasheet HTML 16Page - International Rectifier IP1206PBF Datasheet HTML 17Page - International Rectifier IP1206PBF Datasheet HTML 18Page - International Rectifier IP1206PBF Datasheet HTML 19Page - International Rectifier IP1206PBF Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
2/26/2008
www.irf.com
16
iP1206PbF
Over-Current Protection
The over current protection is performed by
sensing current through the R
DS(on) of low side
MOSFET. This method enhances the converter’s
efficiency and reduce cost by eliminating a
current sense resistor. As shown in Fig. 16, an
external resistor (ROCSET) is connected between
OCSet pin and the drain of low side MOSFET
(Q2) which sets the current limit set point.
When the overcurrent trip threshold is reached,
the
power
supply output
shuts
down and
attempts to restart, entering into the hiccup
mode. The time duration between the shutdown
of the output and the restart is determined by the
time it takes to discharge the soft start capacitor.
Fig. 16: Connection of over current sensing resistor
Fig. 17: 3uA current source for discharging
soft-start capacitor during hiccup
The duty cycle of the hiccup process is typically
5%. The hiccup is performed by charging and
discharging the soft-start capacitor at a certain
slope rate. As shown in Fig. 17 a 3µA current
source is used to discharge the soft-start
capacitor. The OCP comparator resets after
every soft start cycle, the converter stays in this
mode until the overload or short circuit is
removed. Once the condition is removed the
converter will automatically recover.
Refer to
Fig. 24 for ROCSET selection.
L1
ROCSET
iP1206
OC1
IOCSET
VOUT
Hiccup
Control
Q1
Q2
VSW
PGND
SS1 / SD 20
28uA
3uA
OCP
22uA
Pre-Bias
iP1206 is able to start up into a pre-charged
output,
which
prevents
oscillation
and
disturbances of the output voltage.
The output starts in asynchronous fashion and
keeps the synchronous MOSFET off until the first
gate signal for control MOSFET is generated.
The figure below shows a typical Pre-Bias
condition at start up.
Depending on the system configuration, specific
amount of output capacitors may be required to
prevent discharging the output voltage.
Over Voltage Protection
Over-voltage is sensed through two dedicated
sense pins FBS1, FBS2. A separate OVP circuit
is provided for each channel.
The OVP threshold is user programmable and
can be set by two external resistors. Upon over-
voltage condition of either one of the outputs, the
OVP forces a latched shutdown on the fault
output and pulls low the low side driver.
Reset is performed by recycling the Vcc or
Enable. Overvoltage can be sensed either by
connecting
FB1s
and
FB2s
to
their
corresponding outputs through separate output
voltage divider resistor networks, or they can be
connected
directly
to
their
corresponding
feedback pins FB1 and FB2. For Type III
compensation,
FB1s
and
FB2s
should
be
connected through voltage dividers only.
Power Good
The iP1206 provides two separate open collector
power good signals which report the status of the
outputs. The outputs are sensed through the two
dedicated V
SEN1 and VSEN2 pins.
Once the iP1206 is enabled and the outputs
reach the set value (90% of set value) the power
good signals go open and stay open as long as
the outputs stay within the set values.These pins
are open collector and need to be externally
pulled high.
Vo
Time
Volt
Pre-Bias Voltage
(Output Voltage before startup)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com