Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1206PBF Datasheet(PDF) 12 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 12 Page - International Rectifier

Back Button IP1206PBF Datasheet HTML 8Page - International Rectifier IP1206PBF Datasheet HTML 9Page - International Rectifier IP1206PBF Datasheet HTML 10Page - International Rectifier IP1206PBF Datasheet HTML 11Page - International Rectifier IP1206PBF Datasheet HTML 12Page - International Rectifier IP1206PBF Datasheet HTML 13Page - International Rectifier IP1206PBF Datasheet HTML 14Page - International Rectifier IP1206PBF Datasheet HTML 15Page - International Rectifier IP1206PBF Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
2/26/2008
www.irf.com
12
iP1206PbF
Current Share Mode
This feature allows the connection of both outputs
together to increase current handling capability of
the converter to support a common load. In current
sharing mode, error amplifier 1 becomes the master
which regulates the common output voltage and the
error amplifier 2 performs the current sharing
function, Fig. 9 shows the configuration of error
amplifiers. See Fig 25a for a typical application.
In this mode iP1206 makes sure the master channel
starts first followed by slave channel to prevent any
glitch during start up. This is done by clamping the
output of slave’s error amplifier until the master
channel generates the first PWM signal.
At no load condition the slave channel may be kept
off depending on the offset of error amplifier.
Lossless Inductor Current Sensing
The iP1206 uses a lossless current sensing
technique for current share purposes. The inductor
current is sensed by connecting a series resistor
and a capacitor network in parallel with the inductor
and measuring the voltage across the capacitor,
this voltage is proportional to the inductor current.
As shown in Fig. 9 the voltage across the inductor’s
DCR can be expressed by:
The voltage across the C
1 can expressed by:
Combining equations (1),(2) and (3) result in the
following expression for V
C1:
Usually the resistor R
1 and C1 are chosen so that
the time constant of R
1 and C1 equals the time
constant of the inductor which is the inductance L
1
over the inductor’s DCR (R
L1).
If the two time
constants
match,
the
voltage
across
C
1
is
proportional to the current through L
1, and
Fig. 9: Loss Less inductor current sensing
and current sharing
L1
RL1
R1
L2
RL2
R2
C2
VP2
FB2
C1
VOUT
Master Phase
Slave Phase
Q2
Q3
Q4
+ VC1(s) -
+
VL1 (s) -
Vin
Vin
IL1
the sense circuit can be treated as if only a sense
resistor with the value R
L1 was used.
The mismatch of the time constants does not
affect the measurements of inductor DC current,
but affects the AC component of the inductor
current.
Soft-Start
The iP1206 has a programmable soft-start to
control the output voltage rise and limit the inrush
current during start-up. It provides a separate
Soft-start function for each output. This enables
the user to sequence the outputs by controlling
the rise time of each output through the selection
of different value soft-start capacitors.
To
ensure
correct
start-up,
the
soft-start
sequence initiates when the Vcc and Enable rise
above their threshold and generate the Power On
Reset (POR) signal. Soft-start function operates
by sourcing an internal current to charge an
external capacitor to about 3V. Initially, the soft-
start function clamps the error amplifier’s output
of the PWM converter.
)
1
(
-
-
-
-
sL
R
R
V
V
s
V
1
1
L
1
L
out
in
1
RL
+
−
=
*
)
(
)
(
)
2
(
-
-
-
-
R
I
s
V
1
L
1
L
1
RL
*
)
(
=
)
3
(
-
-
-
-
sC
1
R
sC
1
V
V
s
V
1
1
1
out
in
1
C
+
−
=
*
)
(
)
(
)
4
(
-
-
-
-
C
sR
1
sL
R
I
s
V
1
1
1
1
L
1
L
1
C
*
*
)
(
+
+
=
1
L
1
L
C
1
L
1
1
1
R
I
s
V
R
L
C
R
If
*
)
(
*
:
≈
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com