Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3523MPBF Datasheet(PDF) 21 Page - International Rectifier

Part # IR3523MPBF
Description  XPHASE3TM DUAL OUTPUT CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3523MPBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3523MPBF Datasheet HTML 17Page - International Rectifier IR3523MPBF Datasheet HTML 18Page - International Rectifier IR3523MPBF Datasheet HTML 19Page - International Rectifier IR3523MPBF Datasheet HTML 20Page - International Rectifier IR3523MPBF Datasheet HTML 21Page - International Rectifier IR3523MPBF Datasheet HTML 22Page - International Rectifier IR3523MPBF Datasheet HTML 23Page - International Rectifier IR3523MPBF Datasheet HTML 24Page - International Rectifier IR3523MPBF Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
IR3523
Page 21 of 37
June 20, 2008
Enable Input
Pulling the ENABLE pin below 1.0 V sets the Fault Latch. Forcing ENABLE to a voltage above 1.65V results in the
3-bit VID codes to be read and stored. SS/DELX pins are also allowed to begin their power-up cycles as long as no
fault conditions are present.
Over Voltage Protection (OVP)
Output over-voltage might occur due to a high side MOSFET short or if the output voltage sense path is
compromised. If the over-voltage protection comparators sense that either VOUTX pin voltage exceeds VDACX by
125mV, the over voltage fault latch is set which pulls the error amplifier output low turning off both converters power
stage. The IR3523 communicates an OVP condition to the system by raising the ROSC pin voltage to within
V(VCCL) – 1.2 V. An OVP condition is also communicated to the phase ICs by forcing the IIN pin (which is tied to
the ISHARE bus and ISHARE pins of the phase ICs) to VCCL as shown in Figure 14. In each phase IC, the OVP
circuit overrides the normal PWM operation to ensure the low side MOSFET turn-on within approximately 130ns.
The low side MOSFET will remain on until the ISHARE pins fall below V(VCCL) - 800mV. An over voltage fault
condition is latched in the IR3523 and can only be cleared by cycling the power to VCCL.
During dynamic VID down at light to no load, false OVP triggering is prevented by increasing the OVP threshold to a
fixed 1.2 V (VOUT1) and 1.8 V (VOUT2) whenever a dynamic VID is detected and the difference between output
voltage and the fast internal VDAC is more than 50mV, as shown in Figure 15. The over-voltage threshold is
changed back to VDAC+125mV if the difference between output voltage and the fast internal VDAC is less than
50mV.
The overall system must be considered when designing for OVP. In many cases the over-current protection of the
AC-DC or DC-DC converter supplying the multiphase converter will be triggered thus providing effective protection
without damage as long as all PCB traces and components are sized to handle the worst-case maximum current. If
this is not possible, a fuse can be added in the input supply to the multiphase converter.
AFTER
OVP
FAULT
LATCH
OUTPUT
VOLTAGE
(Vout)
OVP
THRESHOLD
IIN
(PHASE IC
ISHARE)
VCCL-800 mV
OVP CONDITION
NORMAL OPERATION
GATEH
(PHASE IC)
GATEL
(PHASE IC)
ERROR
AMPLIFIER
OUTPUT
(EAOUT)
VDAC
Figure 14 - Over-voltage protection during normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com