Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3523MPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR3523MPBF
Description  XPHASE3TM DUAL OUTPUT CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3523MPBF Datasheet(HTML) 3 Page - International Rectifier

  IR3523MPBF Datasheet HTML 1Page - International Rectifier IR3523MPBF Datasheet HTML 2Page - International Rectifier IR3523MPBF Datasheet HTML 3Page - International Rectifier IR3523MPBF Datasheet HTML 4Page - International Rectifier IR3523MPBF Datasheet HTML 5Page - International Rectifier IR3523MPBF Datasheet HTML 6Page - International Rectifier IR3523MPBF Datasheet HTML 7Page - International Rectifier IR3523MPBF Datasheet HTML 8Page - International Rectifier IR3523MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
IR3523
Page 3 of 37
June 20, 2008
PIN#
PIN SYMBOL
PIN DESCRIPTION
12
FB2
Output 2 Error Amplifier inverting input
13
VOUT2
Output 2 remote sense amplifier output.
14
VOSEN2+
Output 2 remote sense amplifier input. Connect to output at the load.
15
VOSEN2-
Output 2 remote sense amplifier input. Connect to ground at the load.
16
VOSEN1-
Output 1 remote sense amplifier input. Connect to ground at the load.
17
VOSEN1+
Output 1 remote sense amplifier input. Connect to output at the load.
18
VOUT1
Output 1 remote sense amplifier output.
19
FB1
Inverting input to the output 1 Error Amplifier
21
EAOUT1
Output 1 error amplifier output
22
OCSET1
Programs the output 1 constant converter output current limit and hiccup over-
current threshold through an external resistor tied to VDAC1 and an internal
current source from this pin. Over-current protection can be disabled by
connecting a resistor from this pin to VDAC1 to program the threshold higher
than the possible signal into the IIN pin from the phase ICs but no greater than
5V (do not float this pin as improper operation will occur).
23
VDAC1
Output 1 reference voltage programmed by the VID inputs and error amplifier
non-inverting input. Connect an external RC network to LGND to program
dynamic VID slew rate and provide compensation for the internal buffer
amplifier.
24
SS/DEL1
Programs output 1 startup and over current protection delay timing. Connect an
external capacitor to LGND to program.
25
IIN1
Output 1 average current input from the output 1 phase IC(s). This pin is also
used to communicate over voltage condition to phase ICs.
26
VDRP1
Output 1 Buffered IIN signal. Connect an external RC network to FB1 to
program converter output impedance.
27
ROSC/OVP
Connect a resistor to LGND to program oscillator frequency and OCSET,
VDAC1 and VREF2 bias currents. Oscillator frequency equals switching
frequency per phase. The pin voltage is 0.6V during normal operation and
higher than 1.6V if over-voltage condition is detected.
28
PG1
Open collector output. Asserted when Output 1 is regulated.
29
LGND
Local Ground for internal circuitry and IC substrate connection.
31
CLKOUT
Clock output at switching frequency multiplied by phase number. Connect to
CLKIN pins of phase ICs.
32
PHSOUT
Phase clock output at switching frequency per phase. Connect to PHSIN pin of
the first phase IC.
33
PHSIN
Feedback input of phase clock. Connect to PHSOUT pin of the last phase IC.
34
VCCL
Output of the voltage regulator, and power input for clock oscillator circuitry.
Connect a decoupling capacitor to LGND.
35
VCCLFB
Non-inverting input of the voltage regulator error amplifier. Output voltage of the
regulator is programmed by the resistor divider connected to VCCL.
36
VCCLDRV
Output of the VCCL regulator error amplifier to control external transistor. The
pin senses the converter input voltage through a resistor.
37
PG2
Open collector output. Asserted when Output 2 output is regulated.
38, 39,
40
VID2_0,
VID2_1, VID2_2
VID inputs for Output 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com