Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3523MPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3523MPBF
Description  XPHASE3TM DUAL OUTPUT CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3523MPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3523MPBF Datasheet HTML 3Page - International Rectifier IR3523MPBF Datasheet HTML 4Page - International Rectifier IR3523MPBF Datasheet HTML 5Page - International Rectifier IR3523MPBF Datasheet HTML 6Page - International Rectifier IR3523MPBF Datasheet HTML 7Page - International Rectifier IR3523MPBF Datasheet HTML 8Page - International Rectifier IR3523MPBF Datasheet HTML 9Page - International Rectifier IR3523MPBF Datasheet HTML 10Page - International Rectifier IR3523MPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
IR3523
Page 7 of 37
June 20, 2008
Note 1: Guaranteed by design, but not tested in production
Note 2: VDACx Outputs are trimmed to compensate for Error & Amp Remote Sense Amp input offsets
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Over Voltage Protection (OVP) Comparators
Threshold at Power-up (Output 2)
1.85
1.95
2.05
V
Threshold at Power-up (Output 1)
1.39
1.47
1.55
V
Voutx Threshold Voltage
Compare to V(VDACx)
100
125
150
mV
OVP Release Voltage during
Normal Operation
Compare to V(VDACx)
-25
3
25
mV
Threshold during Dynamic VID
down (Output 2)
1.87
1.93
1.99
V
Threshold during Dynamic VID
down (Output 1)
1.24
1.33
1.37
V
Dynamic VID Detect Comparator
Threshold
Note 1
25
50
75
mV
Propagation Delay to IIN
Measure time from V(Voutx) > V(VDACx)
(250mV overdrive) to V(IINx) transition to >
0.9 * V(VCCL).
90
180
ns
OVP High Voltage
Measure V(VCCL)-V(ROSC/OVP)
0
1.2
V
OVP Power-up High Voltage
V(VCCLDRV)=1.8V. Measure V(VCCL)-
V(ROSC/OVP)
0
0.2
V
Propagation Delay to OVP
Measure time from V(Voutx) > V(VDAC)
(250mV overdrive) to V(ROSC/OVP)
transition to >1V.
150
300
ns
IIN Pull-up Resistance
5
15
Over-Current Comparators
Input Offset Voltage
1V ≤ V(OCSETx) ≤ 3.3V
-35
0
35
mV
OCSET Bias Current
-5%
Vrosc(V)*1000/
Rosc(K )
+5%
µA
2048-4096 Count Threshold
Adjust ROSC value to find threshold
Note 1
11.3
16
23.1
k
1024-2048 Count Threshold
Adjust ROSC value to find threshold
Note 1
14.4
20
29.1
k
Open Sense Line Detection
Sense Line Detection Active
Comparator Threshold Voltage
150
200
250
mV
Sense Line Detection Active
Comparator Offset Voltage
V(Voutx) < [V(VOSEN+) – V(LGND)] / 2
35
60
85
mV
VOSEN+ Open Sense Line
Comparator Threshold
Compare to V(VCCL)
86.5
89.0
91.5
%
VOSEN- Open Sense Line
Comparator Threshold
0.36
0.40
0.44
V
Sense Line Detection Source
Currents
V(Voutx) = 100mV
200
500
700
uA
VCCL Regulator Amplifier
Reference Feedback Voltage
1.15
1.2
1.25
V
VCCLFB Bias Current
-1
0
1
uA
VCCLDRV Sink Current
10
30
mA
UVLO Start Threshold
Compare to V(VCCL)
89.0
93.5
97.0
%
UVLO Stop Threshold
Compare to V(VCCL)
81.0
85.0
89.0
%
Hysteresis
Compare to V(VCCL)
7.0
8.25
9.5
%
General
VCCL Supply Current
4
10
15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com