Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3523MPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3523MPBF
Description  XPHASE3TM DUAL OUTPUT CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3523MPBF Datasheet(HTML) 4 Page - International Rectifier

  IR3523MPBF Datasheet HTML 1Page - International Rectifier IR3523MPBF Datasheet HTML 2Page - International Rectifier IR3523MPBF Datasheet HTML 3Page - International Rectifier IR3523MPBF Datasheet HTML 4Page - International Rectifier IR3523MPBF Datasheet HTML 5Page - International Rectifier IR3523MPBF Datasheet HTML 6Page - International Rectifier IR3523MPBF Datasheet HTML 7Page - International Rectifier IR3523MPBF Datasheet HTML 8Page - International Rectifier IR3523MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
IR3523
Page 4 of 37
June 20, 2008
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltages are
absolute voltages referenced to the LGND pin.
Operating Junction Temperature……………..0 to 150
oC
Storage Temperature Range………………….-65
oC to 150oC
ESD Rating………………………………………HBM Class 1C JEDEC Standard
MSL Rating………………………………………2
Reflow Temperature…………………………….260
oC
PIN #
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1
VID1_4
8V
-0.3V
1mA
1mA
2
VID1_3
8V
-0.3V
1mA
1mA
3
VID1_2
8V
-0.3V
1mA
1mA
4
ENABLE2
3.5V
-0.3V
1mA
1mA
5
ENABLE1
3.5V
-0.3V
1mA
1mA
6
IIN2
8V
-0.3V
5mA
1mA
7
SS/DEL2
8V
-0.3V
1mA
1mA
8
VDAC2
3.5V
-0.3V
1mA
1mA
9
OCSET2
8V
-0.3V
1mA
1mA
10
EAOUT2
8V
-0.3V
25mA
10mA
12
FB2
8V
-0.3V
1mA
1mA
13
VOUT2
8V
-0.5V
5mA
25mA
14
VOSEN2+
8V
-0.5V
5mA
1mA
15
VOSEN2-
1.0V
-0.5V
5mA
1mA
16
VOSEN1-
1.0V
-0.5V
5mA
1mA
17
VOSEN1+
8V
-0.5V
5mA
1mA
18
VOUT1
8V
-0.5V
5mA
25mA
19
FB1
8V
-0.3V
1mA
1mA
21
EAOUT1
8V
-0.3V
25mA
10mA
22
OCSET1
8V
-0.3V
1mA
1mA
23
VDAC1
3.5V
-0.3V
1mA
1mA
24
SS/DEL1
8V
-0.3V
1mA
1mA
25
IIN1
8V
-0.3V
5mA
1mA
26
VDRP1
8V
-0.3V
35mA
1mA
27
ROSC/OVP
8V
-0.5V
1mA
1mA
28
PG1
8V
-0.3V
1mA
20mA
29
LGND
n/a
n/a
20mA
1mA
31
CLKOUT
8V
-0.3V
100mA
100mA
32
PHSOUT
8V
-0.3V
10mA
10mA
33
PHSIN
8V
-0.3V
1mA
1mA
34
VCCL
8V
-0.3V
1mA
20mA
35
VCCLFB
3.5V
-0.3V
1mA
1mA
36
VCCLDRV
10V
-0.3V
1mA
50mA
37
PG2
8V
-0.3V
1mA
20mA
38
VID2_0
8V
-0.3V
1mA
1mA
39
VID2_1
8V
-0.3V
1mA
1mA
40
VID2_2
8V
-0.3V
1mA
1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com