Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4946-2L Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4946-2L
Description  High Precision Hall Effect Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4946-2L Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4946-2L Datasheet HTML 1Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 2Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 3Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 4Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 5Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 6Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 7Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 8Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Product Name
Product Type
Ordering Code
Package
Hall Effect Latch
TLE4946-2L
SP000398352
PG-SSO-3-2
Datasheet
5
Rev 1.0, 2008-06
High Precision Hall Effect Latch
TLE4946-2L
1
Product Description
1.1
Overview
The TLE4946-2L is a high precision Hall effect latch
with highly accurate switching thresholds for operating
temperatures up to 150°C.
1.2
Features
•2.7 V to 18 V supply voltage operation
•
Operation from unregulated power supply
•
High sensitivity and high stability of the magnetic switching points
•
High resistance to mechanical stress by active error compensation
•
Reverse battery protection (Vs = -18V)
•
Superior temperature stability
•
Peak temperatures up to 195°C without damage
•
Low jitter (typ. 1µs)
•
High ESD performance (± 4 kV HBM)
•
Digital output signal
1.3
Target Applications
The TLE4946-2L is an integrated circuit Hall-effect sensor with low switching thresholds and low hysteresis. It is
specially designed for high sensitivity applications and is ideally suited to detect the rotor position in a BLDC motor.
Also for index counting with small pole wheels and large air gaps the sensor provides a reliable switching
information.
2
Functional Description
2.1
General
Precise magnetic switching thresholds and high temperature stability are achieved by active compensation circuits
and chopper techniques on chip. Offset voltages, generated by temperature induced stress or overmolding are
canceled and high accuracy is achieved. The IC has an open collector output stage with 20mA current sink
capability. A wide operating voltage range form 2.7V to 18V with reverse polarity protection up to -18V makes the
device suitable for a wide range of applications. A magnetic south pole with field strength above Bop turns the
output on and a magnetic north pole exceeding Brp turns it off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com