Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4946-2L Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4946-2L
Description  High Precision Hall Effect Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4946-2L Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4946-2L Datasheet HTML 3Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 4Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 5Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 6Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 7Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 8Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 9Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 10Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Datasheet
7
Rev 1.0, 2008-06
TLE4946-2L
Functional Description
2.5
Operating Modes and States
Field Direction Definition:
Positive magnetic fields are related with the south pole of the magnet to the branded side of package.
Applied
Magnetic
Field
90%
10%
V
Q
t
f
t
d
t
r
t
d
B
OP
B
RP
Figure 3
Timing diagram
VQ
Bop
Brp
0
B
Figure 4
Output Signal
2.6
Functional Block Description
The chopped Hall IC switch comprises a Hall probe, bias generator, compensation circuits, oscillator and output
transistor.
The bias generator provides currents for the Hall probe and the active circuits. Compensation circuits stabilize the
temperature behavior and reduce technology variations.
The Active Error Compensation rejects offsets in signal stages and the influence of mechanical stress to the Hall
probe caused by molding and soldering processes and other thermal stresses in the package.
This chopper technique together with the threshold generator and the comparator ensure high accurate magnetic
switching points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com