Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4946-2L Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4946-2L
Description  High Precision Hall Effect Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4946-2L Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4946-2L Datasheet HTML 4Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 5Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 6Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 7Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 8Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 9Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 10Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 11Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Datasheet
8
Rev 1.0, 2008-06
TLE4946-2L
Specification
3
Specification
3.1
Application Circuit
VS
Q
GND
200
Ω
VS
GND
Q
Figure 5
Application circuit
It is recommended to use a serial resistor of 200
Ω in the supply line for current limitation in the case of a
overvoltage pulse. Two capacitors of 4.7nF enhance the EMC performance. The pull-up resistor of 1.2k
Ω limits
the current through the output transistor.
3.2
Absolute Maximum Ratings
Table 2
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note/Test Condition
Min.
Typ.
Max.
Max. junction temperature
T
J
-40
–
150
°C
–
–
155
for 2000 h (not
additive)
–
–
165
for 1000 h (not additive
–
–
175
for 168 h (not additive)
–
–
195
for 3 x 1 h (additive)
Supply voltage
V
DD
-18
-18
-18
–
–
–
18
24
26
V
for 1h, Rs ≥ 200Ω
for 5min, Rs ≥ 200Ω
Supply current through
protection device
IS
– 50
–
+ 50
mA
Output voltage
VQ
-0.7
–
18
V
-0.7
–
26
for 5min @ 1.2k
Ω pull
up
Storage temperature
TS
– 40
–
150
°C
Magnetic flux density
B
–
unlimited mT
ESD robustness
HBM: 1.5 k
Ω, 100 pF
V
ESD,HBM
4
kV
According to
EIA/JESD22-A114-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com