Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4946-2L Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4946-2L
Description  High Precision Hall Effect Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4946-2L Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4946-2L Datasheet HTML 4Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 5Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 6Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 7Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 8Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 9Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 10Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 11Page - Infineon Technologies AG TLE4946-2L Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Datasheet
9
Rev 1.0, 2008-06
TLE4946-2L
Specification
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
3.3
Operating Range
The following operating conditions must not be exceeded in order to ensure correct operation of the TLE4946-2L.
All parameters specified in the following sections refer to these operating conditions unless otherwise mentioned.
Table 3
Operating Range
Parameter
Symbol
Values
Unit
Note/ Test Condition
Min.
Typ.
Max.
Supply voltage
VS
2.7
–
18
V
Output voltage
VQ
– 0.7
–
18
V
Junction temperature
Tj
– 40
–
150
°C
Output current
IQ
0
–
20
mA
3.4
Characteristics
Product characteristics involve the spread of values guaranteed within the specified voltage and ambient
temperature range. Typical characteristics are the median of the production (at Vs = 12V and TA= 25°C).
Table 4
Electrical Characteristics
Parameter
Symbol
Values
Unit
Note/ Test Condition
Min.
Typ.
Max.
Supply current
IS
2
4
6
mA
VS = 2.7 V ... 18 V
Reverse current
ISR
0
0.2
1
mA
VS = – 18 V
Output saturation voltage
VQSAT
–
0.3
0.6
V
IQ = 20 mA
Output leakage current
IQLEAK
–
0.05
10
µA
for VQ = 18 V
Output fall time
tf
–
0.02
1
µs
RL = 1.2 kΩ;
CL = 50 pF
Output rise time
tr
–
0.4
1
µs
Chopper frequency
fOSC
–
320
–
kHz
Switching frequency
fSW
0
–
15
1) To operate the sensor at the max. switching frequency, the value of the magnetic signal amplitude must be 1.4 times higher
than for static fields.
This is due to the - 3 dB corner frequency of the low pass filter in the signal path.
1)
kHz
Delay time
2) Systematic delay between magnetic threshold reached and output switching
2)
td
–
13
–
µs
Output jitter
3) Jitter is the unpredictable deviation of the output switching delay
3)
tQJ
–
1
–
µsRMS Typ. value for square
wave signal 1 kHz
Power-on time
4) Time from applying VS ≥ 2.7 V to the sensor until the output state is valid
4)
tPON
–
13
–
µs
VS ≥ 2.7 V
Thermal resistance
5) Thermal resistance from junction to ambient
5)
RthJA
–
190
K/W
PG-SSO-3-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com