Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7239GS Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE7239GS
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7239GS Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE7239GS Datasheet HTML 24Page - Infineon Technologies AG TLE7239GS Datasheet HTML 25Page - Infineon Technologies AG TLE7239GS Datasheet HTML 26Page - Infineon Technologies AG TLE7239GS Datasheet HTML 27Page - Infineon Technologies AG TLE7239GS Datasheet HTML 28Page - Infineon Technologies AG TLE7239GS Datasheet HTML 29Page - Infineon Technologies AG TLE7239GS Datasheet HTML 30Page - Infineon Technologies AG TLE7239GS Datasheet HTML 31Page - Infineon Technologies AG TLE7239GS Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
TLE7239GS
Serial Peripheral Interface (SPI)
Data Sheet
28
Rev. 1.0, 2008-10-30
CS Low to High transition:
•
Command decoding is only done, when after the falling edge of CS exactly a multiple (1, 2, 3, …) of eight SCLK
signals have been detected. In case of faulty transmission, the transmission error flag (TER) is set and the
command is ignored.
•
Data from shift register is transferred into the input matrix register.
SCLK - Serial Clock: This input pin clocks the internal shift register. The serial input (SI) transfers data into the
shift register on the falling edge of SCLK while the serial output (SO) shifts diagnostic information out on the rising
edge of the serial clock. It is essential that the SCLK pin is in low state whenever chip select CS makes any
transition.
SI - Serial Input: Serial input data bits are shifted in at this pin, the most significant bit first. SI information is read
on the falling edge of SCLK. The 8 bit input data consist of two parts (control and data). Please refer to Section 9.3
for further information.
SO Serial Output: Data is shifted out serially at this pin, the most significant bit first. SO is in high impedance state
until the CS pin goes to low state. New data will appear at the SO pin following the rising edge of SCLK. Please
refer to Section 9.3 for further information.
9.2
Daisy Chain Capability
The SPI of TLE7239GS provides daisy chain capability. In this configuration several devices are activated by the
same CS signal MCS. The SI line of one device is connected with the SO line of another device (see Figure 10),
which builds a chain. The ends of the chain are connected with the output and input of the master device, MO and
MI respectively. The master device provides the master clock MCLK, which is connected to the SCLK line of each
device in the chain.
Figure 10
Daisy Chain Configuration
In the SPI block of each device, there is one shift register where one bit from SI line is shifted in each SCLK. The
bit shifted out can be seen at SO. After 8 SCLK cycles, the data transfer for one device has been finished. In single
chip configuration, the CS line must go high to make the device accept the transferred data. In daisy chain
configuration the data shifted out at device #1 has been shifted in to device #2. When using three devices in daisy
chain, three times 8 bits have to be shifted through the devices. After that, the MCS line must go high (see
Figure 11).
SI
device 1
SPI
SO
SI
device 2
SPI
SO
SI
device 3
SPI
SO
MO
MI
MCS
MCLK
SPI_DasyChain.emf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com