Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7239GS Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # TLE7239GS
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7239GS Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TLE7239GS Datasheet HTML 29Page - Infineon Technologies AG TLE7239GS Datasheet HTML 30Page - Infineon Technologies AG TLE7239GS Datasheet HTML 31Page - Infineon Technologies AG TLE7239GS Datasheet HTML 32Page - Infineon Technologies AG TLE7239GS Datasheet HTML 33Page - Infineon Technologies AG TLE7239GS Datasheet HTML 34Page - Infineon Technologies AG TLE7239GS Datasheet HTML 35Page - Infineon Technologies AG TLE7239GS Datasheet HTML 36Page - Infineon Technologies AG TLE7239GS Datasheet HTML 37Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
TLE7239GS
Package Outlines
Data Sheet
34
Rev. 1.0, 2008-10-30
10
Package Outlines
Figure 13
PG-SSOP 24-5 (Plastic Green Slim Small Outline Package)
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products and to be compliant with
government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-
free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020).
GPS01214
1) Does not include plastic or metal protrusion of 0.15 max. per side
112
24
13
2) Does not include dambar protrusion of 0.13 max.
3) JEDEC registration MO-137 variation AE
8.65±0.1
0.65
0.25
2)
M
C
0.17
B 24x
±0.05
A
A
Index Marking
B
0.1 B
Seating Plane
±0.1
3.9
1)
0.35 x 45˚
8˚ MAX.
±0.25
0.64
±0.2
C
6
M
0.2
8˚ MAX.
0˚...8˚
C
0˚...8˚
1)
For further information on alternative packages, please visit our website:
http://www.infineon.com/packages.
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com