Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7239GS Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE7239GS
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7239GS Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE7239GS Datasheet HTML 4Page - Infineon Technologies AG TLE7239GS Datasheet HTML 5Page - Infineon Technologies AG TLE7239GS Datasheet HTML 6Page - Infineon Technologies AG TLE7239GS Datasheet HTML 7Page - Infineon Technologies AG TLE7239GS Datasheet HTML 8Page - Infineon Technologies AG TLE7239GS Datasheet HTML 9Page - Infineon Technologies AG TLE7239GS Datasheet HTML 10Page - Infineon Technologies AG TLE7239GS Datasheet HTML 11Page - Infineon Technologies AG TLE7239GS Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
TLE7239GS
Pin Configuration
Data Sheet
8
Rev. 1.0, 2008-10-30
3
Pin Configuration
3.1
Pin Assignment
Figure 3
Pin Configuration PG SSOP24-5
3.2
l
Pin Definitions and Functions
Pin
Symbol
I/O
Function
Power Supply
21
VDD
-
Digital power supply
24
VBB
-
Power supply
13
GND
-
Digital, analog and power ground
1,2,11,12
SUB
-
Substrate pins for thermal connection.
To enable reverse polarity protection these pins must be floating
Power Stages
23
OUT0
O
Source of high side power transistor channel 0
3
OUT1
O
Source of high side power transistor channel 1
22
OUT2
O
Source of high side power transistor channel 2
4
OUT3
O
Source of high side power transistor channel 3
16
D4
O
Drain of auto configuring power transistor 4
14
S4
O
Source of auto configuring power transistor 4
8
D5
O
Drain of auto configuring power transistor 5
10
S5
O
Source of auto configuring power transistor 5
15
OUT6
O
Drain of low side power transistor channel 6
9
OUT7
O
Drain of low side power transistor channel 7
Inputs
5
LHI
I
Limp home activation input pin (pull down)
6
IN1
I
Input multiplexer input 1 pin (pull down)
7
IN2
I
Input multiplexer input 2 pin (pull down)
PG-SSOP -24-5.emf
(top view )
1
2
3
4
5
6
7
OUT3
IN1
IN2
Sub
Sub
OUT1
Sub
Sub
D5
OUT7
S5
8
9
10
11
12
VDD
SCLK
SI
VBB
OUT0
OUT2
S4
GND
SO
D4
OUT6
24
23
22
21
20
19
18
17
16
15
14
13
CS
LHI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com