Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7239GS Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLE7239GS
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7239GS Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLE7239GS Datasheet HTML 29Page - Infineon Technologies AG TLE7239GS Datasheet HTML 30Page - Infineon Technologies AG TLE7239GS Datasheet HTML 31Page - Infineon Technologies AG TLE7239GS Datasheet HTML 32Page - Infineon Technologies AG TLE7239GS Datasheet HTML 33Page - Infineon Technologies AG TLE7239GS Datasheet HTML 34Page - Infineon Technologies AG TLE7239GS Datasheet HTML 35Page - Infineon Technologies AG TLE7239GS Datasheet HTML 36Page - Infineon Technologies AG TLE7239GS Datasheet HTML 37Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Data Sheet
35
Rev. 1.0, 2008-10-30
TLE7239GS
Application Information
11
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
Figure 14 shows a simplified application circuit. Vdd need to be externally reverse polarity protected.
Figure 14
Application Diagram
Note: This is a very simplified example of an application circuit. The function must be verified in the real application.
The circuit above shows a example of using this device in a automotive target application.
D1,C1 are used for blocking negative disturbances from Battery supply.
D2 is optional for loss of battery if no other circuit on this battery feed can limit the voltage to the negative max.
rating of the device (-16 V) .
D3 is limiting the battery voltage below the maximum rated positive voltage of the
VBB pin (40 V).
C2 is for EMC and to stabilize the digital driver, recommended value is 47nF.
There are no resistors to the µC needed due to the internal reverse polarity protection.
For further information you may contact http://www.infineon.com/
SO
SCLK
SI
CS
GND
VDD
Application_LGS.emf
OUT0
OUT1
OUT6
OUT7
Vbat
Lowside
Loads
SPI uC
PWM
VDD
C1
C2
VBB
Highside
Loads
OUT2
OUT3
D4
S4
D5
S5
PWM
LHO
IN2
IN1
LHI
SUB
Cooling area
D1
D2
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com