Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7238GS Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE7238GS
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7238GS Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE7238GS Datasheet HTML 25Page - Infineon Technologies AG TLE7238GS Datasheet HTML 26Page - Infineon Technologies AG TLE7238GS Datasheet HTML 27Page - Infineon Technologies AG TLE7238GS Datasheet HTML 28Page - Infineon Technologies AG TLE7238GS Datasheet HTML 29Page - Infineon Technologies AG TLE7238GS Datasheet HTML 30Page - Infineon Technologies AG TLE7238GS Datasheet HTML 31Page - Infineon Technologies AG TLE7238GS Datasheet HTML 32Page - Infineon Technologies AG TLE7238GS Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Data Sheet
29
Rev. 1.0, 2008-10-30
TLE7238GS
Serial Peripheral Interface (SPI)
Figure 11
Data Transfer in Daisy Chain Configuration
9.3
SPI Protocol
The control and diagnosis function of the TLE7238GS is based on two register banks which are accessed via
following SPI protocol. The control register bank contains eight registers (with 4 bit each) addressed by a 3 bit
pointer. The diagnosis register bank contains four registers (with 4 bit each) addressed by a 2 bit pointer. An
additional indication bit is available to differentiate between standard diagnosis information and data read from a
register bank.
Control and Diagnosis Mode
Note: Reading a register needs two SPI frames. In the first frame the RD command is sent. In the second frame,
the output at SPI signal SO will contain the requested information. Any command can be executed in the
second frame.
CS1)
1) This bit is valid between CS hi -> lo and first SCLK lo -> hi transition.
765
432
10
Write Register Command
SI
1
ADDR
DATA
Read Register Command
SI
0
ADDR
x
x
0
RB
Read Standard Diagnosis
SI
0
xxx
xx
1
x
Standard Diagnosis
S
O
TER
0
0
AWK
LH
D67
D45
D23
D01
Second Frame of Read Command
S
O
TER
0
1
ADDR (Diagnosis)
DATA
S
O
TER
1
ADDR (Control)
DATA
MI
MO
MCS
MCLK
SI device 3
SI device 2
SI device 1
SO device 3
SO device 2
SO device 1
time
SPI_DasyChain2.emf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com