Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7238GS Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE7238GS
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7238GS Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE7238GS Datasheet HTML 19Page - Infineon Technologies AG TLE7238GS Datasheet HTML 20Page - Infineon Technologies AG TLE7238GS Datasheet HTML 21Page - Infineon Technologies AG TLE7238GS Datasheet HTML 22Page - Infineon Technologies AG TLE7238GS Datasheet HTML 23Page - Infineon Technologies AG TLE7238GS Datasheet HTML 24Page - Infineon Technologies AG TLE7238GS Datasheet HTML 25Page - Infineon Technologies AG TLE7238GS Datasheet HTML 26Page - Infineon Technologies AG TLE7238GS Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Data Sheet
23
Rev. 1.0, 2008-10-30
TLE7238GS
Diagnostic Features
8
Diagnostic Features
The SPI of TLE7238GS provides diagnosis information about the device and about the load. The diagnosis
information of the protective functions of channel n is latched in the diagnosis flags Dn. It is cleared by the SPI
command CMD.CPL = 1. The CPL command clears itself with the next valid SPI communication frame.
The open load diagnosis of channel n is latched in the diagnosis flag OLn. This flag is cleared by reading the
according diagnosis register.
Following table shows possible failure modes and the according protective and diagnostic action.
Failure Mode
Comment
Open Load
Diagnosis, when channel n is switched on: none
Diagnosis, when channel n is switched off: according to voltage level at the
output pin, flag OLn is set after time
t
d(OL).
A diagnosis current can be enabled by SPI command DCCR.DCENn = 1.
Over Temperature
When over temperature occurs, the according diagnosis flag Dn is set. If the
affected channel n was active it is switched off.
The diagnosis flags are latched until they have been cleared by SPI
command CMD.CPL = 1.
Over Load
(Short Circuit)
When over load is detected at channel n, the affected channel is switched
off after time
t
OFF(OVL) and the dedicated diagnosis flag Dn is set.
The diagnosis flags are latched until they have been cleared by SPI
command CMD.CPL = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com