Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7238GS Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE7238GS
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7238GS Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE7238GS Datasheet HTML 28Page - Infineon Technologies AG TLE7238GS Datasheet HTML 29Page - Infineon Technologies AG TLE7238GS Datasheet HTML 30Page - Infineon Technologies AG TLE7238GS Datasheet HTML 31Page - Infineon Technologies AG TLE7238GS Datasheet HTML 32Page - Infineon Technologies AG TLE7238GS Datasheet HTML 33Page - Infineon Technologies AG TLE7238GS Datasheet HTML 34Page - Infineon Technologies AG TLE7238GS Datasheet HTML 35Page - Infineon Technologies AG TLE7238GS Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
TLE7238GS
Serial Peripheral Interface (SPI)
Data Sheet
32
Rev. 1.0, 2008-10-30
9.6
Electrical Characteristics
Unless otherwise specified:
V
DD = 3.0 V to 5.5V, VBAT = 9.0 V to 16V, Tj = -40 °C to +150 °C
typical values:
V
DD = 5.0 V, VBAT = 13.5 V, Tj = 25 °C
Pos. Parameter
Symbol
Limit Values
Unit Test Conditions
min.
typ.
max.
Input Characteristics (CS, SCLK, SI)
9.6.1 L level of pin
CS
SCLK
SI
V
CS(L)
V
SCLK(L)
V
SI(L)
0
–
0.2*
V
DD V–
9.6.2 H level of pin
CS
SCLK
SI
V
CS(H)
V
SCLK(H)
V
SI(H)
0.5*
V
DD –
V
DD
V–
9.6.3 L-input pull-up current through CS
I
CS(L)
540
90
µA
V
CS = 0 V
V
DD = 5 V
9.6.4 H-input pull-up current through CS
I
CS(H)
2.5
–
–
µA
1)
V
DD = 5 V
V
CS = 0.5*VDD
9.6.5 L-input pull-down current through pin
SCLK
SI
I
SCLK(L)
I
SI(L)
1.5
–
–
µA
1)
V
DD = 5 V
V
SCLK = VSI = 0.2*VDD
9.6.6 H-input pull-down current through pin
SCLK
SI
I
SCLK(H)
I
SI(H)
10
40
80
µA
1)
V
DD= 5 V
V
SCLK = VSI = VDD
Output Characteristics (SO)
9.6.7 L level output voltage
V
SO(L)
0–
0.4
V
I
SO = +2 mA
9.6.8 H level output voltage
V
SO(H)
V
DD -
0.4 V
–
V
DD
I
SO = -1.5 mA
9.6.9 Output tristate leakage current
I
SO(OFF)
-10
–
10
µA
V
CS = VDD
Timings
9.6.10 Serial clock frequency
f
SCLK
0–
5
MHz –
9.6.11 Serial clock period
t
SCLK(P)
200
–
–
ns
–
9.6.12 Serial clock high time
t
SCLK(H)
50
–
–
ns
1)
9.6.13 Serial clock low time
t
SCLK(L)
50
–
–
ns
1)
9.6.14 Enable lead time (falling CS to rising
SCLK)
t
CS(lead)
250
–
–
ns
1)
9.6.15 Enable lag time (falling SCLK to rising
CS )
t
CS(lag)
250
–
–
ns
1)
9.6.16 Transfer delay time (rising CS to
falling CS )
t
CS(td)
250
–
–
ns
1)
9.6.17 Data setup time (required time SI to
falling SCLK)
t
SI(su)
20
–
–
ns
1)
9.6.18 Data hold time (falling SCLK to SI)
t
SI(h)
20
–
–
ns
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com